Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6146EFUZ-TK Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6146EFUZ-TK
Description  Low Voltage OR-ing FET Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146EFUZ-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6146EFUZ-TK Datasheet HTML 3Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 4Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 5Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 6Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 7Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 8Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 9Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 10Page - Intersil Corporation ISL6146EFUZ-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL6146
7
FN7667.4
April 26, 2013
ttoffs
Slow Turn-off Time
VIN = VBIAS = 12V, VGATE = 18V to 10V,
CGATE = 57nF
58
80
µs
ION
Turn-On Current
BIAS = 12V, VG = 0V
1
mA
BIAS = 12V, VG = 20V
0.15
mA
VVG_FLTr
GATE to VIN Rising Fault Voltage
GATE > VIN, enabled, FLT output is high.
(Does not apply to ISL6146D and ISL6146E)
320
440
560
mV
VVG_FLTf
GATE to VIN Falling Fault Voltage
GATE > VIN, enabled, FLT output is low.
(Does not apply to ISL6146D and ISL6146E)
140
220
300
mV
CONTROL AND REGULATION I/O
VRr
Reverse Voltage Detection
Rising VOUT Threshold
VOUT rising
35
57
79
mV
VRf
Reverse Voltage Detection
Falling VOUT Threshold
VOUT falling
10
30
51
mV
tRs
Reverse Voltage Detection Response
Time
10
µs
VFWD_VR
Amplifier Forward Voltage Regulation
ISL6146 controls voltage across FET VDS to
VFWD_VR during static forward operation at loads
resulting in Id*rDS(ON) < VFWD_VR
11
19
28
mV
VOS_HS
HS Comparator Input Offset Voltage
-14
0.7
14
mV
VTH(HS5k)
ADJ Adjust Threshold with 5k to GND
RADJ = 5kΩ to GND
0.57
0.8
1.1
V
VTH(HS100k)
ADJ Adjust Threshold with 100k to GND RADJ = 100kΩ to GND
10
40
95
mV
tHSpd
HS Comparator Response Time
VOUT > VIN, 1ns transition, 5V differential
170
ns
VFWD_FLT
VIN to VOUT Forward Fault Voltage
VIN > VOUT, GATE is fully on, FLT output is low
330
450
570
mV
VFWD_FLT_HYS VIN to VOUT Forward Fault Voltage
Hysteresis
VIN > VOUT, GATE is fully on, FLT output is high
44
mV
FAULT OUTPUT
IFLT_SINK
FAULT Sink Current
BIAS = 18V FAULT = 0.5V, VIN < VOUT, VGATE = VGL
5
9mA
IFLT_LEAK
FAULT Leakage Current
FAULT = “VFLT_H”, VIN > VOUT, VGATE = VIN + VGQP
0.04
10
µA
tFLT_L2H
FAULT Low to High Delay
GATE = VGQP to FAULT output is high
10
23
µs
tFLT_H2L
FAULT High to Low Delay
GATE = VIN to FAULT output is low
1.7
3
µs
ENABLE UVLO/OVP/ADJ INPUTS
VthRa
ISL6146A/D EN Rising Vth
580
606
631
mV
VthR_hysa
ISL6146A/D EN Vth Hysteresis
-90
mV
VthFb
ISL6146B/E EN Falling Vth
580
606
631
mV
VthF_hysb
ISL6146B/E EN Vth Hysteresis
+90
mV
VthFc
ISL6146C OVP Falling Vth
580
606
631
mV
VthF_hysc
ISL6146C OVP Vth Hysteresis
+90
mV
VthRc
ISL6146C UVLO Rising Vth
580
606
631
mV
VthR_hysc
ISL6146C UVLO Vth Hysteresis
-90
mV
tEN2GTER
EN/UVLO Rising to GATE Rising Delay
10
12
µs
EN/OVP Falling to GATE Rising Delay
9
12
µs
Electrical Specifications VCC = BIAS = 12V, unless otherwise stated. TA = +25°C to +85°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETERS
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS


Similar Part No. - ISL6146EFUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146EFUZ INTERSIL-ISL6146EFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
More results

Similar Description - ISL6146EFUZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com