Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1580 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1580
Description  Simple PWM Power Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1580 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1580 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1580 Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AIC1580/L
2
ORDERING INFORMATION
ORDER NUMBER
AIC1580CN
AIC1580LCN
(PLASTIC DIP)
AIC1580CS
AIC1580LCS
(PLASTIC SO)
PIN CONFIGURATION
TOP VIEW
PHASE
1
3
4
2
VCC
SD
COMP
FB*
UGATE
GND
8
6
5
7
OCSET
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C=0
°C~+70°C
REFERENCE VOLTAGE
DEFAULT: 2.00V
L: 1.30V
AIC1580 XXX
*AIC1580: 2.00V
AIC1580L: 1.30V
TYPICAL APPLICATION CIRCUIT
VID2
VID1
VID0
VID3
AIC1580
FB
GND
PHASE
SD
VCC
CLSET
COMP
UDRI
C1
1U
C7
33P C6
1000P
C9
1000P
+
C4
6000UF
+
C3
3000UF
R5
3.01K
R9
5K
R4
15.0K
R8
30.1K
R7
6.04K
R6
90.9K
R3
7.5K
R1
10
R2
2.2K
L2
7U
L1
1.5U
D1
SRA1620
M1
IR3303
*C1 MUST BE VERY CLOSE TO VCC PIN
VOUT
5V
12V
Switching Regulator for Pentium VCORE Supply


Similar Part No. - AIC1580

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1515 AIC-AIC1515 Datasheet
247Kb / 11P
   Dual USB High-Side Power Switch
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
AIC1518 AIC-AIC1518 Datasheet
186Kb / 11P
   Dual USB High-Side Power Switch
AIC1519 AIC-AIC1519 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
More results

Similar Description - AIC1580

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1568 AIC-AIC1568 Datasheet
252Kb / 7P
   4-bit DAC, Simple PWM Power Regulator
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com