Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1580CN Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1580CN
Description  Simple PWM Power Regulator with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1580CN Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1580CN Datasheet HTML 1Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 2Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 3Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 4Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 5Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 6Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 7Page - Analog Intergrations Corporation AIC1580CN Datasheet HTML 8Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AIC1580/L
Simple PWM Power Regulator with Shutdown
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1580-00
Sep 5, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
Operation Voltage up to 15V.
Simple Voltage-Mode PWM Control.
Fast Transient Response.
2V and 1.3V
± 2% Feedback Voltage Reference
Option.
Adjustable Current Limit without External Sense
Resistors.
200KHz Free-Running Oscillator.
Short-Circuit Protection with Low Short Circuit
Output Current.
Low Shutdown Current
Built-in Soft Start.
APPLICATIONS
Power Supply for Motherboard VGTL (1.5V Output)
Power Supply for Motherboard VI/O.
High-Power 5V to 3.xV DC/DC Regulators.
Low-Voltage Distributed Power Supplies.
DESCRIPTION
The AIC1580 is a high-power, high-efficiency
voltage-mode switching regulator controller for
motherboard V
I/O
power supply applications.
Designed to drive a N-channel MOSFET in a
standard buck topology, the AIC1580 features a
high voltage CMOS output driver, short-circuit
protection, and 8-pin package.
An external 4-bit Digital-to-Analog Converter
(DAC) can be used along with the AIC1580 to
adjust the output voltage from 2.0V to 3.5V in
0.1V increments. Table 1 on the following page
specifies the corresponding output voltage for
16 combinations of DAC inputs as in the typical
application circuit.
The 200KHz switching frequency allows for
using
small
external
components
while
maintaining high conversion efficiency. The
11MHz bandwidth and 6V/
µS slew rate of the
error
amplifier
ensures
high
converter
bandwidth and fast transient response.
The AIC1580 provides adjustable overcurrent
and short-circuit protections by sensing the
output current across the on resistance of the
external N-channel MOSFET rather than an
external low value sense resistor.
The AIC1580L provides lower reference voltage
(1.30V) than the default (2.00V, AIC1580) for
lower V
OUT requirement.


Similar Part No. - AIC1580CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1515 AIC-AIC1515 Datasheet
247Kb / 11P
   Dual USB High-Side Power Switch
AIC1517 AIC-AIC1517 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
AIC1518 AIC-AIC1518 Datasheet
186Kb / 11P
   Dual USB High-Side Power Switch
AIC1519 AIC-AIC1519 Datasheet
187Kb / 11P
   Dual USB High-Side Power Switch
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
More results

Similar Description - AIC1580CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1568 AIC-AIC1568 Datasheet
252Kb / 7P
   4-bit DAC, Simple PWM Power Regulator
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com