Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3205A Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APL3205A
Description  Li Charger Protection IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3205A Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APL3205A Datasheet HTML 5Page - Anpec Electronics Coropration APL3205A Datasheet HTML 6Page - Anpec Electronics Coropration APL3205A Datasheet HTML 7Page - Anpec Electronics Coropration APL3205A Datasheet HTML 8Page - Anpec Electronics Coropration APL3205A Datasheet HTML 9Page - Anpec Electronics Coropration APL3205A Datasheet HTML 10Page - Anpec Electronics Coropration APL3205A Datasheet HTML 11Page - Anpec Electronics Coropration APL3205A Datasheet HTML 12Page - Anpec Electronics Coropration APL3205A Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jun., 2011
www.anpec.com.tw
9
APL3205A/B
Operating Waveforms (Cont.)
Refer to the typical application circuit. The test condition is V
IN=5V, TA= 25
oC unless otherwise specified.
CH1: V
BAT, 1V/Div, DC
CH2: V
OUT, 1V/Div, DC
TIME: 200
µs/Div
C
OUT =1µF, CIN =1µF
CH3: V
PSW, 2V/Div, DC
PSW Output Timing
V
IN = 0V to 5V
V
BAT = 3.8V
V
BAT
V
OUT
V
PSW
1,2,3
PSW Output Timing
V
BAT
V
OUT
V
PSW
1,2,3
V
IN = 5V to 0V
V
BAT = 3.8V
CH1: V
BAT, 1V/Div, DC
CH2: V
OUT, 1V/Div, DC
TIME: 5
ms/Div
C
OUT =1µF, CIN =1µF
CH3: V
PSW, 2V/Div, DC
Over-Current Protection
CH1: I
OUT, 0.5A/Div, DC
CH2: V
OUT, 2V/Div, DC
TIME: 50
µs/Div
C
OUT =1µF, CIN =1µ F, IOUT = 0.5A to 1.2A
CH3: V
FAULT, 5V/Div, DC
I
OUT
V
IN
V
OUT
V
FAULT
1
4
2
3
I
OUT
1
2
3
V
OUT
V
FAULT
CH1: V
IN, 5V/Div, DC
CH2: V
OUT, 5V/Div, DC
TIME: 200ms/Div
C
OUT=1µ F, CIN =1µ F, ROUT = 2.5Ω
CH3: I
OUT, 0.5A/Div, DC
CH4: V
FAULT, 5V/Div, DC
Over-Current Protection


Similar Part No. - APL3205A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3205AQBI-TRG ANPEC-APL3205AQBI-TRG Datasheet
472Kb / 20P
   Li Charger Protection IC
More results

Similar Description - APL3205A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
   Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
   Li Charger Protection IC
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
   Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
   Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
   Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
   Li Charger Protection IC
APL3203A ANPEC-APL3203A_11 Datasheet
438Kb / 20P
   Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
   Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
   Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com