Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1631CN Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1631CN
Description  2-Cell, 500mA, Step-Up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1631CN Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1631CN Datasheet HTML 2Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 3Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 4Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 5Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 6Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 7Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 8Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 9Page - Analog Intergrations Corporation AIC1631CN Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AIC1631
9
APPLICATION EXAMPLES (CONTINUED)
C4
1M
R3
15nF
100
R1
+
+
680K
R4
1N4148
1M
R2
C3
1
µF
Q2
2N3904
+
D2
* CTL= GND in Burst Mode
CTL=VIN in Normal Mode
*CTL
1N5819
D1
100
µF
C1
AIC1631-5
ILIM/SD
VOUT
VIN
LBI
SW
LBO
SGND
CGND
+V
IN
C2
47
µF
+V
OUT
(+5V)
Q1
2N3904
50
µH
L1
LOAD
10
30
50
70
90
110
0
10203040
130
Load Current (µA)
VIN=2.0V
VIN=2.5V
VIN=3V
VIN=1.8V
Fig. 6 Low Supply Current Burst Mode Step-Up Converter
1N5819
D1
OSCON
100
µF
C3
+
AIC1631A
LOAD
ILIM/SD VOUT
VIN
LBI
SW
LBO
GND
FB
+V
IN
47
µF
C1
100
µF
C2
22
R1
+V
OUT
27K
R2
+
+
R2
R1
Fig.7 Adjustable Output Voltage Step-Up Converter


Similar Part No. - AIC1631CN

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CN AIC-AIC1630-3CN Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-3CS AIC-AIC1630-3CS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CN AIC-AIC1630-5CN Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1630-5CS AIC-AIC1630-5CS Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
More results

Similar Description - AIC1631CN

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com