Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR301246BI-TRG Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APR301246BI-TRG
Description  MicroPower Microprocessor Reset Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APR301246BI-TRG Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APR301246BI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APR301246BI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Jan., 2009
APR3011/2/3
www.anpec.com.tw
6
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
Vcc=2.9V
Vcc=2V
Vcc=2.5V
Vcc=1.5
V
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
Vcc=4V
Vcc=3V
V
Vcc=5V
0
20
40
60
80
100
120
10
100
1000
0
0.4
0.8
1.2
1.6
2
0
1
2
3
4
5
6
Typical Operating Characteristics
Supply Current vs. Supply Voltage
Supply Voltage (V)
Maximum Transient Duration vs.
Reset Threshold Overdrive VTH - VCC
Reset Threshold Overdrive VTH - VCC (mV)
Output Source Current vs. Reset High Output Voltage
Reset High Output Voltage (V)
Output Sink Current vs. Reset Low Output Voltage
Reset Low Output Voltage (V)
generate a reset signal
never generate a reset signal


Similar Part No. - APR301246BI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR3012-15A ANPEC-APR3012-15A Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3012-15B ANPEC-APR3012-15B Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3012-16A ANPEC-APR3012-16A Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3012-16B ANPEC-APR3012-16B Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3012-17A ANPEC-APR3012-17A Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
More results

Similar Description - APR301246BI-TRG

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com