Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1-87220-1 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 1-87220-1
Description  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1-87220-1 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 1-87220-1 Datasheet HTML 6Page - Tyco Electronics 1-87220-1 Datasheet HTML 7Page - Tyco Electronics 1-87220-1 Datasheet HTML 8Page - Tyco Electronics 1-87220-1 Datasheet HTML 9Page - Tyco Electronics 1-87220-1 Datasheet HTML 10Page - Tyco Electronics 1-87220-1 Datasheet HTML 11Page - Tyco Electronics 1-87220-1 Datasheet HTML 12Page - Tyco Electronics 1-87220-1 Datasheet HTML 13Page - Tyco Electronics 1-87220-1 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
94
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Standard Headers—Unshrouded, Single Row, .100 [2.54] Centerline (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
.025
[0.64]
Typ.
.139
[3.53]
Ref.
.025 [0.64] Square
Right-Angle Post
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Copper alloy, plated as follows:
Plating A — Selectively plated
.000030 [0.00076] gold on contact area,
with gold flash over .000050 [0.00127]
nickel on entire post
Plating B — Selectively plated
.000015 [0.00038] gold on contact area,
with gold flash over .000050 [0.00127]
nickel on entire post
Tin/Nickel — Plating option available;
minimum order quantities may apply.
Consult Tyco Electronics.
Related Product Data
Mateable Connectors — Refer
to the Mating Post Selection Guide —
page 90
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
B
.100*
[2.54]
Typ.
.035±.003
[0.89±0.08]
Dia. Typ.
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.138
[3.51]
Ref.
.110
[2.79]
Ref.
.025±.001
Typ.
[0.63±0.03]
.069
[1.75]
Typ.
.200 [5.08]
Contact Area
.040
[1.02]
Ref.
.025±.002
Typ.
[0.63±0.05]
.318
[8.08]
Ref.
.100
[2.54]
.025
[0.64]
.069
[1.75]
.157
[3.99]
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
1
.084 [2.13]
87232-1
87233-1
2
.184 [4.67]
.100 [2.54]
87232-2
87233-2
3
.284 [7.21]
.200 [5.08]
87232-3
87233-3
4
.384 [9.75]
.300 [7.62]
87232-4
87233-4
5
.484 [12.29]
.400 [10.16]
87232-5
87233-5
6
.584 [14.83]
.500 [12.70]
87232-6
87233-6
7
.684 [17.37]
.600 [15.24]
87232-7
87233-7
8
.784 [19.91]
.700 [17.78]
87232-8
87233-8
9
.884 [22.45]
.800 [20.32]
87232-9
87233-9
10
.984 [24.99]
.900 [22.86]
1-87232-0
1-87233-0
11
1.084 [27.53]
1.000 [25.40]
1-87232-1
1-87233-1
12
1.184 [30.07]
1.100 [27.94]
1-87232-2
1-87233-2
13
1.284 [32.61]
1.200 [30.48]
1-87232-3
1-87233-3
14
1.384 [35.15]
1.300 [33.02]
1-87232-4
1-87233-4
15
1.484 [37.69]
1.400 [35.56]
1-87232-5
1-87233-5
16
1.584 [40.23]
1.500 [38.10]
1-87232-6
1-87233-6
17
1.684 [42.77]
1.600 [40.64]
1-87232-7
1-87233-7
18
1.784 [45.31]
1.700 [43.18]
1-87232-8
1-87233-8
19
1.884 [47.85]
1.800 [45.72]
1-87232-9
1-87233-9
20
1.984 [50.39]
1.900 [48.26]
2-87232-0
2-87233-0
.042
[1.07]
Typ.
A
B


Similar Part No. - 1-87220-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-87220-1 MACOM-1-87220-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
1-87220-1 MACOM-1-87220-1 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-87220-1 MACOM-1-87220-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
1-87220-1 MACOM-1-87220-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

Similar Description - 1-87220-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com