Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD677TD883B Datasheet(PDF) 5 Page - Analog Devices

Part # AD677TD883B
Description  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677TD883B Datasheet(HTML) 5 Page - Analog Devices

  AD677TD883B Datasheet HTML 1Page - Analog Devices AD677TD883B Datasheet HTML 2Page - Analog Devices AD677TD883B Datasheet HTML 3Page - Analog Devices AD677TD883B Datasheet HTML 4Page - Analog Devices AD677TD883B Datasheet HTML 5Page - Analog Devices AD677TD883B Datasheet HTML 6Page - Analog Devices AD677TD883B Datasheet HTML 7Page - Analog Devices AD677TD883B Datasheet HTML 8Page - Analog Devices AD677TD883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
A
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics.
Test
Symbol
Conditions
-55
°C ≤ TA ≤ +125°C,
VCC = +12 V, VEE = -12 V,
VDD = +5 V, VREF = 10 V,
VIH = 2.0 V, VIL = 0.8 V
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Logic input high voltage
VIH
1,2,3
01
2.0
V
Logic input low voltage
VIL
1,2,3
01
0.8
V
Logic input current
ILIN
VIH = 5 V, VIL = 0 V
1,2,3
01
-10
+10
µA
Logic output high voltage
VOH
IOH = 0.5 mA
1,2,3
01
2.4
V
Logic output low voltage
VOL
IOL = 1.6 mA
1,2,3
01
0.4
V
ICC
24
IEE
-24
IDD
VREF = 10 V,
device converting
5
ICC
20
IEE
-20
Power supply current
IDD
VREF = 5 V,
device converting
1,2,3
01
5
mA
VREF = 10 V
630
Power dissipation
PD
VREF = 5 V
1,2,3
01
530
mW
1
±1.5
Integral nonlinearity
INL
all codes
2,3
01
±2.0
LSB
Differential nonlinearity
DNL
all codes 1/
1,2,3
01
16
Bits
1
±3.0
Bipolar zero error
BPZE
code = 32767.5
2,3
01
±4.0
LSB
1
±3.0
Negative full-scale error
AN
code = 0.5
2,3
01
±4.0
LSB
1
±3.0
Positive full-scale error
AP
code = 65535.5
2,3
01
±4.0
LSB
Voltage reference input
VREF
1,2,3
01
5
10
V
Signal-to-noise + distortion
S/(N+D)
fIN = 1 kHz 2/
4,5,6
01
89
dB
Total harmonic distortion
THD
fIN = 1 kHz
2/
4,5,6
01
-95
dB
9,11
10
Conversion time
tC
see figure 2
10
01
13.3
µs
9,11
480
CLK period
tCLK
see figure 2
10
01
670
ns
See footnotes at end of table.


Similar Part No. - AD677TD883B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD677TD883B ETC2-AD677TD883B Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD677TD883B ETC2-AD677TD883B Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
More results

Similar Description - AD677TD883B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD677JRZ ETC2-AD677JRZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD677KNZ ETC2-AD677KNZ Datasheet
149Kb / 12P
   MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
AD871SD ETC2-AD871SD Datasheet
54Kb / 12P
   MICROCIRCUIT, LINEAR, A/D CONVERTER, 12-BIT, 5 MSPS, MONOLITHIC SILICON
logo
Analog Devices
5962-91764 AD-5962-91764 Datasheet
180Kb / 15P
   MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD
logo
List of Unclassifed Man...
AD7547JRZ ETC-AD7547JRZ Datasheet
134Kb / 12P
   MICROCIRCUIT, LIINEAR, DUAL, CMOS, 12-BIT, D/A CONVERTER, MONOLITHIC SILICON
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
logo
List of Unclassifed Man...
AD7890AN ETC2-AD7890AN Datasheet
117Kb / 17P
   MICROCIRCUIT, LINEAR, 8-CHANNEL, 12-BIT SERIAL, DATA ACQUISITION SYSTEM, MONOLITHIC SILICON
logo
Zilog, Inc.
Z8927320VSG ZILOG-Z8927320VSG Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z89223 ZILOG-Z89223 Datasheet
865Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
Z8927320VSC ZILOG-Z8927320VSC Datasheet
988Kb / 60P
   16-BIT DIGITAL SIGNAL PROCESSORS WITH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com