Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08053F104K4Z2A Datasheet(PDF) 2 Page - AVX Corporation

Part # 08053F104K4Z2A
Description  X8R Dielectric General Specifications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08053F104K4Z2A Datasheet(HTML) 2 Page - AVX Corporation

  08053F104K4Z2A Datasheet HTML 1Page - AVX Corporation 08053F104K4Z2A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13
X8R Dielectric
General Specifications
APPLICATIONS FOR X8R CAPACITORS
• All market sectors with a 150°C requirement
• Automotive on engine applications
• Oil exploration applications
• Hybrid automotive applications
– Battery control
– Inverter / converter circuits
– Motor control applications
– Water pump
• Hybrid commercial applications
– Emergency circuits
– Sensors
– Temperature regulation
ENGINEERING TOOLS FOR HIGH VOLTAGE MLC CAPACITORS
• Samples
• Technical Articles
• Application Engineering
• Application Support
ADVANTAGES OF X8R MLC CAPACITORS
• Capacitance variation of ±15% between –55°C and
+150°C
• Qualified to the highest automotive AEC-Q200 standards
• Excellent reliability compared to other capacitor
technologies
• RoHS compliant
• Low ESR / ESL compared to other technologies
• Tin solder finish
• FLEXITERMTM available
• Hybrid available
• 50V range available
X8R Dielectric
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
-60
-40
-20
0
20
40
60
X7R included
for comparison
80
100
120
140
160
Temperature (°C)
0805, 50V, X8R Typical Temperature Coefficient


Similar Part No. - 08053F104K4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08053F104K4Z2A AVX-08053F104K4Z2A Datasheet
123Kb / 3P
   X8R/X8L Dielectric
08053F104K4Z2A AVX-08053F104K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
08053F104K4Z2A AVX-08053F104K4Z2A Datasheet
175Kb / 3P
   General Specifications
08053F104K4Z2A AVX-08053F104K4Z2A Datasheet
386Kb / 5P
   General Specifications
logo
Kyocera Kinseki Corpota...
08053F104K4Z2A KSS-08053F104K4Z2A Datasheet
339Kb / 5P
   Automotive MLCC
Rev 1
More results

Similar Description - 08053F104K4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12104D107MAT2A AVX-12104D107MAT2A Datasheet
69Kb / 3P
   Dielectric General Specifications
08055C103MAT2A AVX-08055C103MAT2A_1 Datasheet
282Kb / 18P
   Dielectric General Specifications
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com