Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1680CX Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1680CX
Description  Ultra Low Power Voltage Detector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1680CX Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1680CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 6Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 7Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 8Page - Analog Intergrations Corporation AIC1680CX Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AIC1680
5
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
0
123
45
2
4
6
8
10
VDET=2.5V
VDD =2.2V
VDD =2.4V
VDS (V)
VDET=2.5V
VDS (V)
0
1
2
345
1
2
3
4
5
6
7
VDD =1.8V
VDD =2.0V
VDET=4.5V
VDS (V)
01
23
45
0
5
10
15
20
25
30
VDD =4.0V
VDD =4.4V
VDET=4.5V
VDS (V)
0
1
234
5
0
5
10
15
20
VDD =3V
VDD =3.5V
P-ch Driver Output Current vs. VDS
VDET=1.8V
VDD (V)
2
468
10
0
1
2
3
4
5
6
VDS=1.5V
VDS=1.0V
VDS=0.5V
VDET=2.5V
VDD (V)
23
45678
9
10
0
1
2
3
4
5
6
VDS=-1.5V
VDS=-1.0V
VDS=-0.5V


Similar Part No. - AIC1680CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1686 AIC-AIC1686 Datasheet
243Kb / 8P
   Off-Line Power Supply Protection IC with Shunt Regulator
AIC1686CN AIC-AIC1686CN Datasheet
243Kb / 8P
   Off-Line Power Supply Protection IC with Shunt Regulator
More results

Similar Description - AIC1680CX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4410BEC AKM-AP4410BEC Datasheet
576Kb / 11P
   Ultra Low Power Dual Voltage Detector
logo
Torex Semiconductor
XC6136 TOREX-XC6136 Datasheet
519Kb / 23P
   Ultra-Low Power (88nA) Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
E-CMOS Corporation
EC95808 E-CMOS-EC95808 Datasheet
573Kb / 14P
   Ultra-Low Quiescent Current Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com