Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02CZ36 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 02CZ36
Description  TOSHIBA Zenzer Diode Silicon Epitaxial Planar Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02CZ36 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  02CZ36 Datasheet HTML 1Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 2Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 3Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 4Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 5Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 6Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 7Page - Toshiba Semiconductor 02CZ36 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
02CZ2.0~02CZ47
2007-11-01
1
TOSHIBA Zenzer Diode Silicon Epitaxial Planar Type
02CZ2.0~02CZ47
Constant Voltage Regulation Applications
Reference Voltage Applications
Small package: SC-59
Nominal voltage tolerance about ±2.5% (4.3V~24V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55
∼150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Marking
(02CZ15-X)
(02CZ2.4-Z)
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
1-3G1B
Weight: 0.012g
Unit in mm


Similar Part No. - 02CZ36

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
02CZ36 TOSHIBA-02CZ36 Datasheet
413Kb / 7P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS. REFERENCE VOLTAGE APPLICATIONS.)
More results

Similar Description - 02CZ36

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
015AZ2.0 TOSHIBA-015AZ2.0 Datasheet
172Kb / 6P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS250 TOSHIBA-1SS250_14 Datasheet
204Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS272 TOSHIBA-1SS272_14 Datasheet
229Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS308 TOSHIBA-1SS308_14 Datasheet
231Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS314 TOSHIBA-1SS314_14 Datasheet
159Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FE TOSHIBA-HN1D01FE_14 Datasheet
248Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
HN1D01FU TOSHIBA-HN1D01FU_14 Datasheet
247Kb / 4P
   TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S06S TOSHIBA-JDV2S06S Datasheet
102Kb / 3P
   TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S14E TOSHIBA-JDV2S14E Datasheet
73Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
1SS321 TOSHIBA-1SS321_07 Datasheet
175Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com