Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08055F104JAZ4A Datasheet(PDF) 1 Page - AVX Corporation

Part # 08055F104JAZ4A
Description  X8R Dielectric General Specifications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055F104JAZ4A Datasheet(HTML) 1 Page - AVX Corporation

  08055F104JAZ4A Datasheet HTML 1Page - AVX Corporation 08055F104JAZ4A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0805
Size
0603
0805
1206
5
Voltage
25V = 3
50V = 5
F
Dielectric
X8R = F
104
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
e.g. 10µF = 106
K
Capacitance
Tolerance
J = ± 5%
K = ±10%
M = ± 20%
4
Failure
Rate
4 = Automotive
A = Not
Applicable
T
Terminations
T = Plated Ni
and Sn
Z = FLEXITERMTM
U = Conductive
Epoxy for
Hybrid apps
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Special
Code
A = Std.
Product
X8R Dielectric
General Specifications
AVX have developed a range of multilayer ceramic capacitors designed for use in applications up to
150ºC. These capacitors are manufactured with an X8R dielectric material which has a capacitance
variation of ±15% between -55ºC and +150ºC.
The need for X8R performance has been driven by customer requirements for parts that operate at
elevated temperatures. They provide a highly reliable capacitor with low loss and stable capacitance
over temperature.
They are ideal for automotive under the hood sensors, measure while drilling and log while drilling.
Typical applications include wire line logging tools such as gamma ray receivers, acoustic trans-
ceivers and micro-resistivity tools. They can also be used as bulk capacitors for high temperature
camera modules.
X8R capacitors are available as standard and Automotive AEC-Q200 qualified parts. Optional termi-
nation systems, tin, FLEXITERMTM and conductive epoxy for hybrid applications are available.
Providing this series with our FLEXITERMTM termination system provides further advantage to cus-
tomers by way of enhanced resistance to both, temperature cycling and mechanical damage.
PART NUMBER (see page 2 for complete part number explanation)
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers.
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
12
SIZE
0603
0805
1206
WVDC
25V
50V
25V
50V
25V
50V
271
Cap
270
G
G
331
(pF)
330
G
G
J
J
471
470
G
G
J
J
681
680
G
G
J
J
102
1000
G
G
J
J
J
J
152
1500
G
G
J
J
J
J
182
1800
G
G
J
J
J
J
222
2200
G
G
J
J
J
J
272
2700
G
G
J
J
J
J
332
3300
G
G
J
J
J
J
392
3900
G
G
J
J
J
J
472
4700
G
G
J
J
J
J
562
5600
G
G
J
J
J
J
682
6800
G
G
J
J
J
J
822
8200
G
G
J
J
J
J
103
Cap
0.01
G
G
J
J
J
J
123
(µF)
0.012
G
G
J
J
J
J
153
0.015
G
G
J
J
J
J
183
0.018
G
G
J
J
J
J
223
0.022
G
G
J
J
J
J
273
0.027
G
G
J
J
J
J
333
0.033
G
G
J
J
J
J
393
0.039
G
G
J
J
J
J
473
0.047
G
G
J
J
J
J
563
0.056
G
N
N
M
M
683
0.068
G
N
N
M
M
823
0.082
G
N
N
M
M
104
0.1
G
N
N
M
M
124
0.12
G
N
N
M
M
154
0.15
N
N
M
M
184
0.18
N
M
M
224
0.22
N
M
M
274
0.27
N
M
M
334
0.33
N
M
M
394
0.39
N
M
474
0.47
N
M
684
0.68
M
824
0.82
105
1
WVDC
25V
50V
25V
50V
25V
50V
SIZE
0603
0805
1206
= Under development (Contact
factory for advanced samples)
= AEC-Q200 Qualified


Similar Part No. - 08055F104JAZ4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08055F104JAZ4A AVX-08055F104JAZ4A Datasheet
123Kb / 3P
   X8R/X8L Dielectric
08055F104JAZ4A AVX-08055F104JAZ4A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
08055F104JAZ4A AVX-08055F104JAZ4A Datasheet
199Kb / 5P
   General Specifications
08055F104JAZ4A AVX-08055F104JAZ4A Datasheet
175Kb / 3P
   General Specifications
logo
Kyocera Kinseki Corpota...
08055F104JAZ4A KSS-08055F104JAZ4A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 08055F104JAZ4A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12104D107MAT2A AVX-12104D107MAT2A Datasheet
69Kb / 3P
   Dielectric General Specifications
08055C103MAT2A AVX-08055C103MAT2A_1 Datasheet
282Kb / 18P
   Dielectric General Specifications
0603YC104KAJ2A AVX-0603YC104KAJ2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
06035C222KAT4A AVX-06035C222KAT4A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12061C104KAT1A AVX-12061C104KAT1A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12067C102KAT2A AVX-12067C102KAT2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
06033C183JAT2A AVX-06033C183JAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
08055C474KAT2A AVX-08055C474KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
12101C224KAT2A AVX-12101C224KAT2A Datasheet
81Kb / 4P
   X7R Dielectric General Specifications
0805YC225KAT2A AVX-0805YC225KAT2A Datasheet
131Kb / 4P
   X7R Dielectric General Specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com