Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC225S-S Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TIC225S-S
Description  Sensitive Gate Triacs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIC225S-S Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TIC225S-S Datasheet HTML 1Page - Bourns Electronic Solutions TIC225S-S Datasheet HTML 2Page - Bourns Electronic Solutions TIC225S-S Datasheet HTML 3Page - Bourns Electronic Solutions TIC225S-S Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIC225 SERIES
SILICON TRIACS
2
PRODU CT
INFORMA TION
JULY 1975 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
† All voltages are with respect to Main Terminal 1.
NOTES: 5. This parameter must be measured using pulse techniques, tp = ≤ 1 ms, duty cycle ≤ 2 %. Voltage-sensing contacts separate from
the current carrying contacts are located within 3.2 mm from the device body.
6. The triacs are triggered by a 15-V (open-circuit amplitude) pulse supplied by a generator with the following characteristics:
RG = 100 Ω, tp(g) = 20 µs, tr = ≤ 15 ns, f = 1 kHz
VGT
Gate trigger
voltage
Vsupply = +12 V†
Vsupply = +12 V†
Vsupply = -12 V†
Vsupply = -12 V†
RL = 10 Ω
RL = 10 Ω
RL = 10 Ω
RL = 10 Ω
tp(g) > 20 µs
tp(g) > 20 µs
tp(g) > 20 µs
tp(g) > 20 µs
0.7
-0.7
-0.7
0.8
2
-2
-2
2
V
VT
On-state voltage
IT = ±12 A
IG = 50 mA
(see Note 5)
±1.5
±2.1
V
IH
Holding current
Vsupply = +12 V†
Vsupply = -12 V†
IG = 0
IG = 0
Init’ IT = 100 mA
Init’ IT = -100 mA
2.3
-1.6
20
-20
mA
IL
Latching current
Vsupply = +12 V†
Vsupply = -12 V†
(see Note 6)
30
-30
mA
dv/dt
Critical rate of rise of
off-state voltage
VDRM = Rated VDRM
IG = 0
TC = 110°C
±20
V/µs
dv/dt(c)
Critical rise of
commutation voltage
VDRM = Rated VDRM
ITRM = ±12 A
TC = 70°C
(see Figure 6)
±1
±4.5
V/µs
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
2.5
°C/W
RθJA
Junction to free air thermal resistance
62.5
°C/W
electrical characteristics at 25°C case temperature (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT


Similar Part No. - TIC225S-S

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TIC225S POINN-TIC225S Datasheet
150Kb / 6P
   SILICON TRIACS
logo
Comset Semiconductor
TIC225S COMSET-TIC225S Datasheet
211Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC225S COMSET-TIC225S Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
More results

Similar Description - TIC225S-S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com