Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-1877846-8 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6-1877846-8
Description  CPC-Medical Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-1877846-8 Datasheet(HTML) 2 Page - Tyco Electronics

  6-1877846-8 Datasheet HTML 1Page - Tyco Electronics 6-1877846-8 Datasheet HTML 2Page - Tyco Electronics 6-1877846-8 Datasheet HTML 3Page - Tyco Electronics 6-1877846-8 Datasheet HTML 4Page - Tyco Electronics 6-1877846-8 Datasheet HTML 5Page - Tyco Electronics 6-1877846-8 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CPC - Medical Connector
Contact Configuration:
STANDARDS & SPECS
• EIA-364:ElectricalConnector/SocketTestprocedureIncludingEnvironmentalClassifications
MATERIALS
• Housing,Insert,Collet&Nut-Polyphenylsulfone
• Contacts-CopperAlloy,GoldFinish
• HexNut-CopperAlloy,NickelFinish
MECHANICAL
• Durability:2500cycles
• TemperatureRating:-50°to170°C
• MatingForce:2.5lbsmax
• UnmatingForce:1.0lbmin
ELECTRICAL
• OperatingVoltage-300VAC
• Currentrating- 5position- 7A
6 position - 6A
7 position - 5A
10position-3A
• DielectricWithstandingVoltage-1200VAC
• InsulationResistance-1000megohms
• ContactResistance-20milliohmsmax
KEY FEATURES
• Connectors are user friendly, sterilizable, robust and
provide secure self-latching
• CanbeovermoldedwithsiliconeorPVCflexreliefsfor
cablestrainandflexprotection
• Available with an integral cable collet or an overmolded
flexrelief
• Self-latchingmechanismissecureunderaxialand
torsional loads
• Overmoldedflex-reliefscanbecustomizedpercustomer
requirements
PRODUCT OFFERING
Keying (plug front view):
Contact your local Tyco Electronics sales
engineer for availability of additional
configurations or complete cable assemblies.
Cableflex/strainreliefs:
©2007 by Tyco Electronics Corporation. All Rights Reserved. STERRAD,
CIDEX+ are trademarks of Johnson & Johnson Corporation. Dimensions are
shown for reference purposes only. Specifications subject to change.
5 pin
6 pin
7 pin
10 pin
Color Coded Receptacles and Plugs
RED
YELLOW
GREEN
BLUE
WHITE
GRAY
BLACK
Ø 13.7 REF
35.2 REF
Ø 18.5 REF
20.4 REF
80°
Tyco Electronics Corporation
Harrisburg,PA17001
800-522-6752
medicalsales@tycoelectronics.com
tycoelectronics.com/medical
6-1773445-3-GIC-03-28-2007
Cable collet
Standard overmold
MEDLOC II overmaold


Similar Part No. - 6-1877846-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6-1803000-0 TEC-6-1803000-0 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
6-1803000-1 TEC-6-1803000-1 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
6-1803000-2 TEC-6-1803000-2 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
6-1803000-3 TEC-6-1803000-3 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
6-1803000-4 TEC-6-1803000-4 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 6-1877846-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-207490 TEC-C-207490 Datasheet
69Kb / 1P
   CABLE GRIP, INTERNAL SIZE 11, CPC
C-207387 TEC-C-207387 Datasheet
60Kb / 1P
   CABLE GRIP, INTERNAL, SIZE 17, CPC
C-213902 TEC-C-213902 Datasheet
64Kb / 1P
   CABLE CLAMP KIT, LARGE, UNASSEMBLED, SIZE 17, CPC
C-207489 TEC-C-207489 Datasheet
81Kb / 1P
   CABLE BOOT, FLEXIBLE, SIZE ll, CPC
C-206430 TEC-C-206430 Datasheet
96Kb / 1P
   RECEPTACLE HOUSING, REVERSE SEX, SHELL SIZE 11, CPC
C-206061 TEC-C-206061 Datasheet
81Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 11, CPC
C-206705 TEC-C-206705 Datasheet
90Kb / 1P
   RECEPTACLE HOUSING, STANDARD SEX, SHELL SIZE 13, CPC
C-206043 TEC-C-206043 Datasheet
104Kb / 1P
   RECEPTACLE ASSEMBLY, REVERSE SEX, SERIES 1, 17-14 CPC
C-213826 TEC-C-213826 Datasheet
431Kb / 1P
   RECEPTACLE ASSEMBLY, POSTED, REVERSE SEX, SERIES 1, 17-9, CPC
logo
Tyco Electronics
206062 MACOM-206062 Datasheet
89Kb / 1P
   CABLE CLAMP KIT, STANDARD, SHELL SIZE 11, CPC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com