Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2873Y Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC2873Y
Description  Power Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2873Y Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC2873Y Datasheet HTML 1Page - Toshiba Semiconductor 2SC2873Y Datasheet HTML 2Page - Toshiba Semiconductor 2SC2873Y Datasheet HTML 3Page - Toshiba Semiconductor 2SC2873Y Datasheet HTML 4Page - Toshiba Semiconductor 2SC2873Y Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC2873
2006-11-10
4
Collector-emitter voltage VCE (V)
Safe Operating Area
IC – VBE
Base-emitter voltage VBE (V)
Ambient temperature Ta (°C)
2.0
1.6
1.2
0.8
0.4
0
0
0.5
1.0
1.5
2.0
Common emitter
VCE = 2 V
Ta
= 100°C
−55
25
PC – Ta
0
0
0.8
0.2
0.4
0.6
20
40
60
80
100
120
140
160
1.2
1.0
(1)
(2)
(1) Mounted on a ceramic
substrate (250 mm
2 × 0.8 t)
(2) No heat sink
0.1
3
0.3
5
1
10
100
30
10
30
50
100
300
500
1000
3000
5000
DC operation
Ta
= 25°C
IC max (pulse)*
IC max (continuous)
10 ms*
VCEO max
100 ms*
1 S*
1 ms*
*: Single no repetitive pulse
Ta
= 25°C
Curves must be derated linearly
with increase in temperature
Tested without a substrate


Similar Part No. - 2SC2873Y

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
2SC2873Y AITSEMI-2SC2873Y Datasheet
377Kb / 4P
   GENERAL PURPOSE TRANSISTOR 500mW 1.5A 32V TRANSISTOR
REV1.1
logo
Comchip Technology
2SC2873Y-G COMCHIP-2SC2873Y-G Datasheet
175Kb / 4P
   General Purpose Transistor
More results

Similar Description - 2SC2873Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com