Electronic Components Datasheet Search |
|
CC1206DRNPO7BN100 Datasheet(PDF) 7 Page - YAGEO Corporation |
|
CC1206DRNPO7BN100 Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 15 page www.yageo.com Aug 05, 2011 V8 Surface-Mount Ceramic Multilayer Capacitors 7 15 Product specification General Purpose 16 V to 50 V NP0 CAPACITANCE RANGE & THICKNESS FOR NP0 Table 4 Sizes from 0805 to 1812 CAP. 0805 1206 1210 1812 Last 3-digit of 12NC Last 2-digit of 12NC 16 V 25 V 50 V 16 V 25 V 50 V 25 V 50 V 50 V 0.22 pF 227 0.47 pF 477 0.82 pF 827 1.0 pF 108 1.2 pF 128 1.5 pF 158 1.8 pF 188 2.2 pF 228 2.7 pF 278 3.3 pF 338 3.9 pF 398 4.7 pF 478 5.6 pF 568 6.8 pF 688 8.2 pF 828 On request 10 pF 109 23 12 pF 129 24 15 pF 159 25 18 pF 189 26 22 pF 229 27 27 pF 279 28 33 pF 339 29 39 pF 399 31 47 pF 479 32 56 pF 569 33 68 pF 689 34 82 pF 829 35 100 pF 101 36 0.6±0.1 0.6±0.1 0.6±0.1 0.6±0.1 0.6±0.1 0.6±0.1 1.25±0.2 1.25±0.2 NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-12 series is on request 3. 16V to 25V, refer to last 2-digit of 12NC 4. 50V, refer to last 3-digit of 12NC |
Similar Part No. - CC1206DRNPO7BN100 |
|
Similar Description - CC1206DRNPO7BN100 |