Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3326 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3326
Description  For Muting and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3326 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3326 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3326 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3326
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 25 V, IC = 0
0.1
μA
DC current gain
hFE
(Note)
VCE = 2 V, IC = 4 mA
200
1200
Collector-emitter saturation voltage
VCE (sat)
IC = 30 mA, IB = 3 mA
0.042
0.1
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 4 mA
0.61
V
Transition frequency
fT
VCE = 6 V, IC = 4 mA
30
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
4.8
7
pF
Turn-on time
ton
160
Storage time
tstg
500
Switching time
Fall time
tf
Duty cycle <
= 2%
130
ns
Note: hFE classification A: 200~700, B: 350~1200


Similar Part No. - 2SC3326

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3326 TOSHIBA-2SC3326 Datasheet
177Kb / 4P
   NPN EPITAXIAL TYPE (FOR MUTING AND SWITCHING APPLICATIONS)
2SC3326 TOSHIBA-2SC3326 Datasheet
512Kb / 5P
   Silicon NPN Epitaxial Type (PCT process) For Muting and Switching Applications
logo
Guangdong Kexin Industr...
2SC3326 KEXIN-2SC3326 Datasheet
43Kb / 2P
   Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3326 TOSHIBA-2SC3326 Datasheet
228Kb / 5P
   For Muting and Switching Applications
logo
Foshan Blue Rocket Elec...
2SC3326 FOSHAN-2SC3326 Datasheet
895Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3326

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2878A TOSHIBA-2SC2878A Datasheet
245Kb / 4P
   For Muting and Switching Applications
HN1C03FUTE85R TOSHIBA-HN1C03FUTE85R Datasheet
317Kb / 5P
   For Muting And Switching Applications
2SC3327-A TOSHIBA-2SC3327-A Datasheet
210Kb / 4P
   FOR MUTING AND SWITCHING APPLICATIONS
2SC2878B TOSHIBA-2SC2878B Datasheet
245Kb / 4P
   For Muting and Switching Applications
2SC3326-B TOSHIBA-2SC3326-B Datasheet
228Kb / 5P
   For Muting and Switching Applications
2SC2878-B TOSHIBA-2SC2878-B Datasheet
221Kb / 4P
   For Muting and Switching Applications
2SC2878-A TOSHIBA-2SC2878-A Datasheet
221Kb / 4P
   For Muting and Switching Applications
2SC4213-B TOSHIBA-2SC4213-B Datasheet
281Kb / 5P
   For Muting and Switching Applications
2SC4213A TOSHIBA-2SC4213A Datasheet
281Kb / 5P
   For Muting and Switching Applications
2SC2878 TOSHIBA-2SC2878 Datasheet
172Kb / 4P
   TRANSISTOR (FOR MUTING AND SWITCHING APPLICATIONS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com