Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1720-30CZT Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1720-30CZT
Description  100mA Low Dropout Linear Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1720-30CZT Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1720-30CZT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1720-30CZT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1720-30CZT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1720-30CZT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1720-30CZT Datasheet HTML 5Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AIC1720
2
ORDERING INFORMATION
PACKAGING TYPE
S: SMALL OUTLINE
X: SOT-89
ZT: TO-92
ZL: TO-92
TEMPERATURE RANGE
C: 0
°C~70°C
OUTPUT VOLTAGE
30: 3.0V
33: 3.3V
36: 3.6V
44: 4.4V
50: 5.0V
AIC1720-XXXXX
ORDER NUMBER
AIC1720-30CX
AIC1720-33CX
AIC1720-36CX
AIC1720-44CX
AIC1720-50CX
(SOT-89)
PIN CONFIGURATION
FRONT VIEW
1: GND
2: VIN
3: VOUT
12
3
1
2
3
TOP VIEW
1: GND
2: VIN
3: VOUT
TOP VIEW
1: VIN
2: GND
3: VOUT
1
2
3
GND
1
3
4
2
8
6
5
7
VIN
GND
GND
NC
GND
NC
VOUT
AIC1720-30CZT
AIC1720-33CZT
AIC1720-36CZT
AIC1720-44CZT
AIC1720-50CZT
(TO-92 T Type)
AIC1720-30CZL
AIC1720-33CZL
AIC1720-36CZL
AIC1720-44CZL
AIC1720-50CZL
(TO-92 L Type)
AIC1720-30CS
AIC1720-33CS
AIC1720-36CS
AIC1720-44CS
AIC1720-50CS
(SO-8)
TOP VIEW
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage...................................................…………..…….................... -0.3~14V
Operating Junction Temperature Range .....………........…………................ -40
°C~ 125°C
Storage Temperature Range ....................……......................……….............. -65
°C~150°C
Power Dissipation
SO8 Package …...…….................. 0.625W
SOT-89 Package ....…...…................. 0.5W
TO-92 Package .....…………............. 0.5W
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT


Similar Part No. - AIC1720-30CZT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721-5CX AIC-AIC1721-5CX Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721-5CZ AIC-AIC1721-5CZ Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721CX AIC-AIC1721CX Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
AIC1721CZ AIC-AIC1721CZ Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
More results

Similar Description - AIC1720-30CZT

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Richtek Technology Corp...
RT9058 RICHTEK-RT9058 Datasheet
179Kb / 9P
   36V, 2A IQ, 100mA Low Dropout Voltage Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com