Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1727-33CX Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1727-33CX
Description  50mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1727-33CX Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1727-33CX Datasheet HTML 1Page - Analog Intergrations Corporation AIC1727-33CX Datasheet HTML 2Page - Analog Intergrations Corporation AIC1727-33CX Datasheet HTML 3Page - Analog Intergrations Corporation AIC1727-33CX Datasheet HTML 4Page - Analog Intergrations Corporation AIC1727-33CX Datasheet HTML 5Page - Analog Intergrations Corporation AIC1727-33CX Datasheet HTML 6Page - Analog Intergrations Corporation AIC1727-33CX Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AIC1727
3
n ELECTRICAL CHARACTERISTICS (Ta=25°C, C
IN=1
F, C
OUT=1µF, unless otherwise
specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1727-50
AIC1727-45
AIC1727-36
AIC1727-33
AIC1727-30
VIN=5.5~13V
VIN=5.5~13V
VIN=4.0~13V
VIN=4.0~13V
VIN=3.6~13V
4.800
4.320
3.455
3.170
2.880
5.0
4.5
3.6
3.3
3.0
5.200
4.680
3.745
3.430
3.120
V
Output Voltage
Temperature
Coefficiency
(Note 1)
±150
PPM/
°C
Line Regulation
?Vout
Vout × ?Vin
IL=1mA
AIC1727-50
AIC1727-45
AIC1727-36
AIC1727-33
AIC1727-30
VIN=5.5~13V
VIN=5.0~13V
VIN=4.1~13V
VIN=3.8~13V
VIN=3.5~13V
0.2
0.2
0.2
0.2
0.2
0.3
0.3
0.3
0.3
0.3
%/V
Load Regulation
(Note 2)
AIC1727-50
AIC1727-45
AIC1727-36
AIC1727-33
AIC1727-30
VIN=7.0V, IL=0.1~50mA
VIN=6.5V, IL=0.1~50mA
VIN=5.6V, IL=0.1~50mA
VIN=5.3V, IL=0.1~50mA
VIN=5.0V, IL=0.1~50mA
30
30
30
30
30
60
60
60
60
60
mV
Dropout Voltage
(Note 3)
I
L=1mA
AIC1727-50
AIC1727-45
AIC1727-36
AIC1727-33
AIC1727-30
24
26
33
36
40
36
39
50
54
60
mV
Ground Current
I
O=0.1mA~50mA
4
7
µA
Note 1:
Guaranteed by design.
Note 2:
Regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3:
Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV
below the value measured with a 1V differential.


Similar Part No. - AIC1727-33CX

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CX AIC-AIC1720-30CX Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CZL AIC-AIC1720-30CZL Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
More results

Similar Description - AIC1727-33CX

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2982 SEMTECH-SC2982 Datasheet
133Kb / 5P
   50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Linear Technology
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com