Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA141UA2K5 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA141UA2K5
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141UA2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA141UA2K5 Datasheet HTML 6Page - Texas Instruments INA141UA2K5 Datasheet HTML 7Page - Texas Instruments INA141UA2K5 Datasheet HTML 8Page - Texas Instruments INA141UA2K5 Datasheet HTML 9Page - Texas Instruments INA141UA2K5 Datasheet HTML 10Page - Texas Instruments INA141UA2K5 Datasheet HTML 11Page - Texas Instruments INA141UA2K5 Datasheet HTML 12Page - Texas Instruments INA141UA2K5 Datasheet HTML 13Page - Texas Instruments INA141UA2K5 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
®
INA141
10
REF102
R
2
R1
R
3
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA141
V
O
Ref
100
Ω = Pt100 at 0°C
FIGURE 4. ECG Amplifier With Right-Leg Drive.
FIGURE 5. Bridge Amplifier.
FIGURE 7. Thermocouple Amplifier With RTD Cold-
Junction Compensation.
SEEBECK
ISA
COEFFICIENT
TYPE
MATERIAL
(
µV/°C)
R1, R2
E
+ Chromel
58.5
66.5k
– Constantan
J
+ Iron
50.2
76.8k
– Constantan
K
+ Chromel
39.4
97.6k
– Alumel
T
+ Copper
38.0
102k
– Constantan
INA141
V
O
C
1
0.1µF
OPA602
Ref
R
1
1M
f
–3dB =
1
2
πR
1C1
= 1.59Hz
V
IN
+
FIGURE 6. AC-Coupled Instrumentation Amplifier.
INA141
I
B
R
1
V
IN
+
A
1
I
O
Load
I
O =
• G
V
IN
R
1
Ref
A1
IB Error
OPA177
±1.5nA
OPA131
50pA
OPA602
±1pA
OPA128
±75fA
FIGURE 8. Differential Voltage to Current Converter.
INA141
V
O
LA
RL
RA
10k
Ref
G = 10
20k
20k
V
G
1/4
OPA4131
390k
390k
1/4
OPA4131
OPA4131
1/4
OPA4131
1/4
300
+5V
2.5V –
∆V
2.5V +
∆V
+15V
–15V
INA141
V
O
Ref


Similar Part No. - INA141UA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141UA BURR-BROWN-INA141UA Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141UA TI1-INA141UA Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141UA/2K5 TI1-INA141UA/2K5 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141UA/2K5E4 TI1-INA141UA/2K5E4 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141UAE4 TI1-INA141UAE4 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA141UA2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
[Old version datasheet]   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com