Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA141UA2K5E4 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA141UA2K5E4
Description  Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA141UA2K5E4 Datasheet(HTML) 5 Page - Texas Instruments

  INA141UA2K5E4 Datasheet HTML 1Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 2Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 3Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 4Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 5Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 6Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 7Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 8Page - Texas Instruments INA141UA2K5E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
®
INA141
5
INPUT OFFSET VOLTAGE WARM-UP
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
200
300
400
500
Time (µs)
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT
(V+)
(V+)–0.4
(V+)–0.8
(V+)–1.2
(V+)+1.2
(V–)+0.8
(V–)+0.4
V–
01234
Output Current (mA)
INPUT- REFERRED NOISE vs FREQUENCY
Frequency (Hz)
110
1k
100
1k
100
10
1
10k
G = 10V/V
100
10
1
0.1
Current Noise
G = 100V/V
INPUT OVER-VOLTAGE V/I CHARACTERISTICS
5
4
3
2
1
0
–1
–2
–3
–4
–5
Input Voltage (V)
–50
–40
–30
–20
–10
10
20
30
40
050
G = 10V/V
G = 10V/V
G = 100V/V
G = 100V/V
VIN
IIN
–15V
+15V
INA141
Flat region represents
normal linear operation.
QUIESCENT CURRENT and SLEW RATE
vs TEMPERATURE
Temperature (°C)
0.9
0.85
0.8
0.75
0.7
0.65
6
5
4
3
2
1
–75
–50
–25
0
25
50
75
100
125
I
Q
Slew Rate
INPUT BIAS CURRENT vs TEMPERATURE
2
1
0
–1
–2
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
OS
I
B
Typical I
B Range
±2nA at 25°C


Similar Part No. - INA141UA2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141UA BURR-BROWN-INA141UA Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141UA TI1-INA141UA Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141UA/2K5 TI1-INA141UA/2K5 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141UA/2K5E4 TI1-INA141UA/2K5E4 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA141UAE4 TI1-INA141UAE4 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA141UA2K5E4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA141 TI1-INA141 Datasheet
333Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA131 TI1-INA131 Datasheet
126Kb / 11P
[Old version datasheet]   Precision G = 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA131 BURR-BROWN-INA131 Datasheet
113Kb / 10P
   Precision G = 100 INSTRUMENTATION AMPLIFIER
INA2141 BURR-BROWN-INA2141 Datasheet
243Kb / 10P
   Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com