Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1781 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1781
Description  Battery Charge Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1781 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1781 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1781 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AIC1781
Battery Charge Controller
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1781-00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
FEATURES
Fast Charge Control of NiMH/NiCd Batteries,
even with a Fluctuating Charging Current.
Fast Charge Termination by:
∆∆
T / t ,
−∆V,
0V
∆ , Safety Timer, Maximum Temperature,
Maximum Voltage.
Linearly Adjustable
∆∆
T / t Detection Slope and
Safety Timer.
Adjustable Peak Voltage Timer for 0V
∆ .
Battery Voltage Protection Range Selectable.
Selectable
Battery
Temperature
Protection
Mode.
Protection against Battery Voltage and Battery
Temperature Faults.
Selectable LED Display Mode for Battery Status.
Five Pulsed Trickle Charge Modes.
Discharge-before-Charge Function Available for
Eliminating Memory Effect.
Quick and Easy Testing for Production.
16-pin DIP or SO Packages.
APPLICATIONS
Battery Fast Chargers for:
Mobile Phones.
Notebook and Laptop Personal Computers.
Portable Power Tools and Toys.
Portable Communication Equipments.
Portable Video & Stereo Equipments.
0
10
2030405060
1.15
1.25
1.35
1.45
1.55
100
80
60
40
20
Temperature
Cell Voltage
Charge Time (min.)
Charge Current = 600 mA
Cell Capacity = 550 mA
NiMH Battery
Fig. 1 Battery Charging Characteristics Resulting
from an AIC1781-Controlled Charger with a
Fluctuating Charging Current
DESCRIPTION
The AIC1781 fast charge controller IC is designed
for intelligent charging of NiMH or NiCd batteries
without the risk of overcharge.
−∆V detection
(-0.25%), 0V
detection (peak
voltage timer)
and
∆∆
T / t detection are the primary methods
employed by the AIC1781 to terminate fast charge.
The fast charge can also be cut off by maximum
battery voltage and maximum battery temperature
detection along with the safety timer to prevent
charging under fault conditions of the charging
system or the battery itself.
Both
∆∆
T / t and
−∆V detection methods have
been proved powerful in terminating fast charging
for NiMH and NiCd batteries. The AIC1781 utilizes
the combination of these two methods to achieve
reliable decision of ending fast charge and prevent
misaction caused by using
−∆V detection alone
under certain conditions. Fig. 1 shows an example
of charging curve of a battery charged by a
fluctuating current from a NiMH battery charger
which uses the AIC1781 controller IC to achieve
optimal charging. This technique, in cooperating
with the 0V
detection (peak voltage timer), is
particularly suitable for NiMH batteries, whose
voltage drop is hardly significant yet temperature
rises rapidly. The
∆∆
T / t or
−∆V detection
circuitry may be disabled independently for
different applications, such as system-integrated
chargers, chargers with varying charge current, or
battery packs
lack
of
temperature
sensing
thermistor.
The safety timer period, mode of battery
temperature protection, battery voltage protection
range, pulsed trickle charge duty, and LED display
mode are all adjustable or selectable. Discharge-
before-charge function is included to get rid of
memory effect of NiCd batteries without the risk of
overdischarging. Test mode is provided for charger
manufactures to dramatically reduce production
test time.


Similar Part No. - AIC1781

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACNTB AIC-AIC1781ACNTB Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACNTR AIC-AIC1781ACNTR Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACSTB AIC-AIC1781ACSTB Datasheet
393Kb / 18P
   Battery Charge Controller
AIC1781ACSTR AIC-AIC1781ACSTR Datasheet
393Kb / 18P
   Battery Charge Controller
More results

Similar Description - AIC1781

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com