Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1722-37CZT Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1722-37CZT
Description  300mA Low Dropout Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1722-37CZT Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1722-37CZT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722-37CZT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722-37CZT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722-37CZT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722-37CZT Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722-37CZT Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1722
2
ORDERING INFORMATION
ORDER NUMBER
AIC1722-33CX
AIC1722-35CX
AIC1722-37CX
AIC1722-50CX
AIC1722-52CX
(SOT-89)
AIC1722-33CZT
AIC1722-35CZT
AIC1722-37CZT
AIC1722-38CZT
AIC1722-50CZT
(TO-92 T TYPE)
AIC1722-33CZL
AIC1722-35CZL
AIC1722-37CZL
AIC1722-38CZL
AIC1722-50CZL
(TO-92 L TYPE)
PIN CONFIGURATION
PACKAGING TYPE
X :SOT-89
ZT : TO-92
ZL : TO-92
TEMPERATURE RANGE
C: 0
°C~70°C
OUTPUT VOLTAGE
33: 3.3V
35: 3.5V
37: 3.7V
50: 5.0V
52: 5.2V
AIC1722-XXXXX
FRONT VIEW
1: VOUT
2: GND
3: VIN
12
3
1
2
3
TOP VIEW
1: GND
2: VIN
3: VOUT
TOP VIEW
1: VIN
2: GND
3: VOUT
1
2
3
38: 3.8V
AIC1722-38CX
AIC1722-52CZT
AIC1722-52CZT
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage ...................................................…………..…….................. -0.3~12V
Operating Junction Temperature Range .....………........…………................ -40
°C~ 125°C
Storage Temperature Range ....................……......................……….............. -65
°C~150°C
Power Dissipation
SOT-89 Package ....…...…................. 0.5W
TO-92 Package .....…………............. 0.5W
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT
ELECTRICAL CHARACTERISTICS (Ta=25°°°°C, C
IN=1
µµµµF, COUT=10µµµµF, unless
otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
No Load
AIC1722-52
AIC1722-50
AIC1722-38
AIC1722-37
AIC1722-35
AIC1722-33
VIN=5.5~12V
VIN=5.5~12V
VIN=4.1~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=3.6~12V
5.100
4.900
3.725
3.625
3.430
3.235
5.2
5.0
3.8
3.7
3.5
3.3
5.300
5.100
3.875
3.775
3.570
3.365
V


Similar Part No. - AIC1722-37CZT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A AIC-AIC1722A Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-15XU AIC-AIC1722A-15XU Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-15XXA AIC-AIC1722A-15XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUBG AIC-AIC1722A-18CUBG Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1722A-18CUTR AIC-AIC1722A-18CUTR Datasheet
417Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1722-37CZT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com