Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1783 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1783
Description  Battery Charge Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1783 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1783 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1783 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC1783
Battery Charge Controller
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1783-00
May 28, 01
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
Fast Charge Control of NiMH/NiCd Batteries.
l
Fast Charge Termination by:
?V
,
?V
0
, Safety
Timer, Maximum Voltage.
l
Protection against Battery Voltage Fault.
l
Pulsed Trickle Charge Mode.
l
Quick and Easy Testing for Production.
l
8-pin DIP or SO Packages.
n APPLICATIONS
Battery Fast Chargers for:
l
Mobile Phones.
l
Notebook and Laptop Personal Computers.
l
Portable Power Tools and Toys.
l
Portable Communication Equipment.
l
Portable Video & Stereo Equipment.
n DESCRIPTION
The AIC1783 fast charge controller IC is designed
for intelligent charging of NiMH or NiCd batteries
without the risk of overcharge.
?V
detection
(-0.25%) and
?V
0
detection (peak voltage timer)
are
the
primary
methods
employed
by
the
AIC1783 to terminate fast charge. The fast charge
can also be cut off by maximum battery voltage
along with the safety timer to prevent charging
under fault conditions of the charging system or
the battery itself.
The safety timer period is adjustable for flexible
usage that AIC1783 could be applied in the wide
range of battery capacity. Test mode is provided
for charger manufactures to dramatically reduce
production test time.
n TYPICAL APPLICATION CIRCUIT
REF
1
TIMER
2
MODE
3
GND
4
LED
5
ICON
6
VBT
7
VCC
8
U2
AIC1783
C4
0.1
µF
C1
1
µF
C3
0.1
µF
C7
1000P
C10
47nF
R10
0.3/5W
DC
1
DE
2
CF
3
GND
4
FB
5
VCC
6
IS
7
BOOST
8
U3
AIC1563
+
C8
220
µF
R9
390K
L1
220
µH
R1
1K
D2
1N5822
D1
1N5822
+
C2
220
µF
BAT1
+
C5
1
µF
+
C6
10
µF
R3
100K
R4
120K
Q1
2N222
R5
120K
+
C9
4.7
µF
D4
IN4148
D3
1N4148
R13
120/0.5W
R2
240K
R11 100K
VIN
R6
680
R7
47K
R8
10K
VIN
1
VOUT
3
2
GND
U1
7805
LED1
RED
R12
150K
Battery Charge Circuit with Wide Input Voltage Range


Similar Part No. - AIC1783

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1783A AIC-AIC1783A Datasheet
206Kb / 13P
   Battery Charge Controller for Low Power Charging
More results

Similar Description - AIC1783

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com