Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRJC226006RJ Datasheet(PDF) 2 Page - AVX Corporation

Part # TRJC226006RJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJC226006RJ Datasheet(HTML) 2 Page - AVX Corporation

  TRJC226006RJ Datasheet HTML 1Page - AVX Corporation TRJC226006RJ Datasheet HTML 2Page - AVX Corporation TRJC226006RJ Datasheet HTML 3Page - AVX Corporation TRJC226006RJ Datasheet HTML 4Page - AVX Corporation TRJC226006RJ Datasheet HTML 5Page - AVX Corporation TRJC226006RJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEPTEMBER 2013
I 87
Capacitance
Rated Voltage DC (V
R) to 85°C
μF
Code
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
A
0.15
154
A, A(6000)
0.22
224
A, A(6000)
A, A(7000)
0.33
334
A, A(6000)
A
0.47
474
A, A(7000)
A, A(4000)
B
0.68
684
A, A(6000)
A, A(6000)
B, B(2000)
1.0
105
A
A, A(3000)
A, A(3000)
A, B,
C, B, B(2000)
A(3000), B(2000)
1.5
155
A
A, A(3000)
A, B, A(3000)
A, B,
C, C(1500)
A(2000), B(2500)
2.2
225
A
A, A(3500)
A, A(3000)
A, B,
B, B(2000)
C, D,
A(1600), B(1200)
C(1000), D(1200)
3.3
335
A, B, A(3500)
A, B,
B, B(2000)
B, C, D,
C, D,
A(2500), B(1300)
B(1000), C(800)
C(1000), D(800)
4.7
475
A, A(2000)
A, B,
A, B,
B, B(1000)
B, C, D,
D, D(600)
A(2000), B(1500)
A(1800), B(1000)
B(1500), C(600)
6.8
685
A, B, A(1800)
A, B, C,
B, C, B(1000)
B, C,
C, D, C(600)
D
A(1500), B(1200)
B(1000), C(600)
10
106
A, B, A(1500)
A, B,
B, C, B(800)
B, C,
C, D, C(600)
C, D,
E, E(300,400)
A(1800), B(800)
B(1000), C(500)
C(600), D(250,400)
15
156
B
A, B,
A, B, C,
B, B(800)
B, C, D,
C, D,
D, D(225)
A(1500), B(700)
A(1000), B(600)
B(500), C(400)
C(500), D(300)
22
226
A, B, C,
B, B(700)
B, C, D,
C, D,
D, D(300)
D, D(200.400)
A(900), B(600)
B(600), C(350)
C(400), D(150,300)
33
336
C
B, C, B(600)
B, C, D,
C, C(300)
C, D,
D, D(400)
E, E(150,250)
B(650), C(300)
C(300), D(250)
47
476
B, C,
C, D, C(300)
C, D,
D, D(200)
D, E,
U, U(200)
B(500), C(250)
C(350), D(200)
D(250), E(150)
68
686
C, C(200)
C, C(300)
C, D
D, E,
C(200), D(150)
D(200), E(120,200)
100
107
C, C(300)
C, D, E, C(200)
D, E,
E, E(150)
D(100,150), E(100)
D(150), E(150)
150
157
C, D,
D, E,
E, E(150)
C(300), D(150)
D(150), E(150)
220
227
D, D(150)
D, E, E(150)
U, U(200)
330
337
D, E, E(150)
E, E(100)
470
477
E, E(200)
TRJ Series
Professional Tantalum Chip Capacitor
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
Not recommended for new designs, higher voltage or smaller case size substitution are offered.
Available Ratings, (ESR ratings in mOhms in brackets)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - TRJC226006RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJC226006RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com