Electronic Components Datasheet Search |
|
TRJB336006RJ Datasheet(PDF) 3 Page - AVX Corporation |
|
TRJB336006RJ Datasheet(HTML) 3 Page - AVX Corporation |
3 / 6 page 88 I SEPTEMBER 2013 TRJ Series Professional Tantalum Chip Capacitor RATINGS & PART NUMBER REFERENCE Rated DCL DF ESR 100kHz RMS Current (mA) 100kHz RMS Voltage (mV) AVX Case Capacitance Voltage (μA) % Max. (mΩ) MSL Part No. Size (μF) (V) Max. Max. @100kHz 25ºC 85ºC 125ºC 25ºC 85ºC 125ºC 4 Volt @ 85ºC (2.7 Volt @ 125ºC) TRJB156*004#RJ B 15 4 0.45 6 3000 1 168 151 67 505 454 202 TRJC336*004#RJ C 33 4 1.0 6 2000 1 235 211 94 469 422 188 6.3 Volt @ 85ºC (4 Volt @ 125ºC) TRJA106*006#RJ A 10 6.3 0.45 6 2200 1 185 166 74 406 366 162 TRJA106*006#1500 A 10 6.3 0.45 6 1500 1 224 201 89 335 302 134 TRJB106*006#RJ B 10 6.3 0.45 6 3000 1 168 151 67 505 454 202 TRJA156*006#RJ A 15 6.3 0.68 6 2030 1 192 173 77 390 351 156 TRJA156*006#1500 A 15 6.3 0.68 6 1500 1 224 201 89 335 302 134 TRJB156*006#RJ B 15 6.3 0.68 6 2030 1 205 184 82 415 374 166 TRJB156*006#0700 B 15 6.3 0.68 6 700 1 348 314 139 244 220 98 TRJA226*006#RJ A 22 6.3 0.99 6 1700 1 210 189 84 357 321 143 TRJA226*006#0900 A 22 6.3 0.99 6 900 1 289 260 115 260 234 104 TRJB226*006#RJ B 22 6.3 0.99 6 1880 1 213 191 85 400 360 160 TRJB226*006#0600 B 22 6.3 0.99 6 600 1 376 339 151 226 203 90 TRJC226*006#RJ C 22 6.3 0.99 6 2000 1 235 211 94 469 422 188 TRJB336*006#RJ B 33 6.3 1.5 6 1740 1 221 199 88 385 346 154 TRJB336*006#0600 B 33 6.3 1.5 6 600 1 376 339 151 226 203 90 TRJC336*006#RJ C 33 6.3 1.5 6 1800 1 247 222 99 445 400 178 TRJB476*006#RJ B 47 6.3 2.1 6 1620 1 229 206 92 371 334 148 TRJB476*006#0500 B 47 6.3 2.1 6 500 1 412 371 165 206 186 82 TRJC476*006#RJ C 47 6.3 2.1 6 540 1 451 406 181 244 219 97 TRJC476*006#0250 C 47 6.3 2.1 6 250 1 663 597 265 166 149 66 TRJC686*006#RJ C 68 6.3 3.1 6 490 1 474 426 190 232 209 93 TRJC686*006#0200 C 68 6.3 3.1 6 200 1 742 667 297 148 133 59 TRJC107*006#RJ C 100 6.3 4.5 6 440 1 500 450 200 220 198 88 TRJC107*006#0300 C 100 6.3 4.5 6 300 1 606 545 242 182 163 73 TRJC157*006#RJ C 150 6.3 6.8 8 500 1 469 422 188 235 211 94 TRJC157*006#0300 C 150 6.3 6.8 8 300 1 606 545 242 182 163 73 TRJD157*006#RJ D 150 6.3 6.8 6 400 1 612 551 245 245 220 98 TRJD157*006#0150 D 150 6.3 6.8 6 150 1 1000 900 400 150 135 60 TRJD227*006#RJ D 220 6.3 9.9 8 360 1 645 581 258 232 209 93 TRJD227*006#0150 D 220 6.3 9.9 8 150 1 1000 900 400 150 135 60 TRJD337*006#RJ D 330 6.3 14 8 400 1 612 551 245 245 220 98 TRJE337*006#RJ E 330 6.3 14 8 330 1 1) 707 636 283 233 210 93 TRJE337*006#0150 E 330 6.3 14 8 150 1 1) 1049 944 420 157 142 63 TRJE477*006#RJ E 470 6.3 21 8 250 1 1) 812 731 325 203 183 81 TRJE477*006#0200 E 470 6.3 21 8 200 1 1) 908 817 363 182 163 73 10 Volt @ 85ºC (7 Volt @ 125ºC) TRJA155*010#RJ A 1.5 10 0.30 6 7000 1 104 93 41 725 652 290 TRJA225*010#RJ A 2.2 10 0.30 6 7000 1 104 93 41 725 652 290 TRJA475*010#RJ A 4.7 10 0.35 6 2900 1 161 145 64 466 420 187 TRJA475*010#2000 A 4.7 10 0.35 6 2000 1 194 174 77 387 349 155 TRJA685*010#RJ A 6.8 10 0.51 6 2650 1 168 151 67 446 401 178 TRJA685*010#1800 A 6.8 10 0.51 6 1800 1 204 184 82 367 331 147 TRJB685*010#RJ B 6.8 10 0.51 6 3000 1 168 151 67 505 454 202 TRJA106*010#RJ A 10 10 0.75 6 2200 1 185 166 74 406 366 162 TRJA106*010#1800 A 10 10 0.75 6 1800 1 204 184 82 367 331 147 TRJB106*010#RJ B 10 10 0.75 6 2200 1 197 177 79 432 389 173 TRJB106*010#0800 B 10 10 0.75 6 800 1 326 293 130 261 235 104 TRJA156*010#RJ A 15 10 1.10 6 1800 1 204 184 82 367 331 147 TRJA156*010#1000 A 15 10 1.10 6 1000 1 274 246 110 274 246 110 TRJB156*010#RJ B 15 10 1.1 6 2030 1 205 184 82 415 374 166 TRJB156*010#0600 B 15 10 1.1 6 600 1 376 339 151 226 203 90 TRJC156*010#RJ C 15 10 1.1 6 2000 1 235 211 94 469 422 188 TRJB226*010#RJ B 22 10 1.7 6 1880 1 213 191 85 400 360 160 TRJB226*010#0700 B 22 10 1.7 6 700 1 348 314 139 244 220 98 TRJB336*010#RJ B 33 10 2.5 6 1000 1 292 262 117 292 262 117 TRJB336*010#0650 B 33 10 2.5 6 650 1 362 325 145 235 212 94 TRJC336*010#RJ C 33 10 2.5 6 590 1 432 389 173 255 229 102 TRJC336*010#0300 C 33 10 2.5 6 300 1 606 545 242 182 163 73 TRJD336*010#RJ D 33 10 2.5 6 1100 1 369 332 148 406 366 162 TRJC476*010#RJ C 47 10 3.5 6 540 1 451 406 181 244 219 97 TRJC476*010#0300 C 47 10 3.5 6 300 1 606 545 242 182 163 73 TRJD476*010#RJ D 47 10 3.5 6 400 1 612 551 245 245 220 98 TRJC686*010#RJ C 68 10 5.1 6 490 1 474 426 190 232 209 93 TRJC686*010#0300 C 68 10 5.1 6 300 1 606 545 242 182 163 73 TRJC107*010#RJ C 100 10 7.5 8 500 1 469 422 188 235 211 94 TRJC107*010#0200 C 100 10 7.5 8 200 1 742 667 297 148 133 59 TRJD107*010#RJ D 100 10 7.5 6 440 1 584 525 234 257 231 103 TRJD107*010#0100 D 100 10 7.5 6 100 1 1225 1102 490 122 110 49 TRJD107*010#0150 D 100 10 7.5 6 150 1 1000 900 400 150 135 60 11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3. Moisture Sensitivity Level (MSL) is defined according to J-STD-020. All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes. The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR move- ment to 1.25 times catalogue limit post mounting. For typical weight and composition see page 150. NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. |
Similar Part No. - TRJB336006RJ |
|
Similar Description - TRJB336006RJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |