Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2B68M2SC Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # DF2B68M2SC
Description  ESD Protection Diodes Silicon Epitaxial Planar
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B68M2SC Datasheet(HTML) 6 Page - Toshiba Semiconductor

  DF2B68M2SC Datasheet HTML 1Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 2Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 3Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 4Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 5Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 6Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 7Page - Toshiba Semiconductor DF2B68M2SC Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DF2B6.8M2SC
6
11.
11.
11.
11. ESD Clamp Waveform (Note)
ESD Clamp Waveform (Note)
ESD Clamp Waveform (Note)
ESD Clamp Waveform (Note)
Fig.
Fig.
Fig.
Fig. 11.1
11.1
11.1
11.1 +8 kV
+8 kV
+8 kV
+8 kV
Fig.
Fig.
Fig.
Fig. 11.2
11.2
11.2
11.2 -8 kV
-8 kV
-8 kV
-8 kV
Fig.
Fig.
Fig.
Fig. 11.3
11.3
11.3
11.3 IEC61000-4-2 (Contact)
IEC61000-4-2 (Contact)
IEC61000-4-2 (Contact)
IEC61000-4-2 (Contact)
Note:
The above characteristics curves are presented for reference only and not guaranteed by production test,
unless otherwise noted.
2012-08-21
Rev.3.0


Similar Part No. - DF2B68M2SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B6.8ACT TOSHIBA-DF2B6.8ACT Datasheet
300Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B6.8AFS TOSHIBA-DF2B6.8AFS Datasheet
288Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B6.8CT TOSHIBA-DF2B6.8CT Datasheet
147Kb / 4P
   Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF2B6.8E TOSHIBA-DF2B6.8E Datasheet
170Kb / 4P
   TOSHIBA Diodes for Protecting against ESD
2014-03-01
DF2B6.8FS TOSHIBA-DF2B6.8FS Datasheet
131Kb / 4P
   Diodes for Protecting against ESD
More results

Similar Description - DF2B68M2SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2B36FU TOSHIBA-DF2B36FU Datasheet
430Kb / 10P
   ESD Protection Diodes Silicon Epitaxial Planar
DF10G7M1N TOSHIBA-DF10G7M1N Datasheet
281Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B7M2CL TOSHIBA-DF2B7M2CL Datasheet
317Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B7SL TOSHIBA-DF2B7SL Datasheet
258Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2S6M4SL TOSHIBA-DF2S6M4SL Datasheet
316Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2S7MSL TOSHIBA-DF2S7MSL Datasheet
312Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4ASL TOSHIBA-DF2B5M4ASL Datasheet
374Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
DF2B5M4CT TOSHIBA-DF2B5M4CT Datasheet
365Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
2017-12-21 Rev.2.0
DF2B5M5SL TOSHIBA-DF2B5M5SL Datasheet
360Kb / 9P
   ESD Protection Diodes Silicon Epitaxial Planar
2018-03-12 Rev.1.0
DF2B6USL TOSHIBA-DF2B6USL Datasheet
357Kb / 8P
   ESD Protection Diodes Silicon Epitaxial Planar
2018-01-18 Rev.2.0
DF2S6.2CT TOSHIBA-DF2S6.2CT Datasheet
148Kb / 6P
   ESD Protection Diodes Silicon Epitaxial Planar
2014-04-15 Rev.4.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com