Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSC107K006H0100V Datasheet(PDF) 10 Page - AVX Corporation

Part # TPSC107K006H0100V
Description  TPS Series Low ESR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPSC107K006H0100V Datasheet(HTML) 10 Page - AVX Corporation

Back Button TPSC107K006H0100V Datasheet HTML 3Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 4Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 5Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 6Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 7Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 8Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 9Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 10Page - AVX Corporation TPSC107K006H0100V Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
100kHz RMS Current (A)
100kHz RMS Voltage (V)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TPSD476*025#0250
D
47
25
11.8
6
250
1
0.775
0.697
0.310
0.194
0.174
0.077
TPSE476*025#0080
E
47
25
11.8
6
80
1
1)
1.436
1.293
0.574
0.115
0.103
0.046
TPSE476*025#0100
E
47
25
11.8
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE476*025#0125
E
47
25
11.8
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE686*025#0125
E
68
25
17
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE686*025#0200
E
68
25
17
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSV686*025#0080
V
68
25
17
6
80
1
1)
1.768
1.591
0.707
0.141
0.127
0.057
TPSV686*025#0095
V
68
25
17
6
95
1
1)
1.622
1.460
0.649
0.154
0.139
0.062
TPSV686*025#0150
V
68
25
17
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV686*025#0200
V
68
25
17
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSV107*025#0100
V
100
25
25
8
100
1
1)
1.581
1.423
0.632
0.158
0.142
0.063
35 Volt @ 85ºC (23 Volt @ 125ºC)
TPSA224*035#6000
A
0.22
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA334*035#6000
A
0.33
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA474*035#6000
A
0.47
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSB474*035#4000
B
0.47
35
0.5
4
4000
1
0.146
0.131
0.058
0.583
0.525
0.233
TPSA684*035#6000
A
0.68
35
0.5
4
6000
1
0.112
0.101
0.045
0.671
0.604
0.268
TPSA105*035#3000
A
1
35
0.5
4
3000
1
0.158
0.142
0.063
0.474
0.427
0.190
TPSB105*035#2000
B
1
35
0.5
4
2000
1
0.206
0.186
0.082
0.412
0.371
0.165
TPSB155*035#2500
B
1.5
35
0.5
6
2500
1
0.184
0.166
0.074
0.461
0.415
0.184
TPSA225*035#1500
A
2.2
35
0.8
6
1500
1
0.224
0.201
0.089
0.335
0.302
0.134
TPSB225*035#0750
B
2.2
35
0.8
6
750
1
0.337
0.303
0.135
0.252
0.227
0.101
TPSB225*035#1500
B
2.2
35
0.8
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSB225*035#2000
B
2.2
35
0.8
6
2000
1
0.206
0.186
0.082
0.412
0.371
0.165
TPSC225*035#1000
C
2.2
35
0.8
6
1000
1
0.332
0.298
0.133
0.332
0.298
0.133
TPSB335*035#1000
B
3.3
35
1.2
6
1000
1
0.292
0.262
0.117
0.292
0.262
0.117
TPSC335*035#0700
C
3.3
35
1.2
6
700
1
0.396
0.357
0.159
0.277
0.250
0.111
TPSB475*035#0700
B
4.7
35
1.6
6
700
1
0.348
0.314
0.139
0.244
0.220
0.098
TPSB475*035#1500
B
4.7
35
1.6
6
1500
1
0.238
0.214
0.095
0.357
0.321
0.143
TPSC475*035#0600
C
4.7
35
1.6
6
600
1
0.428
0.385
0.171
0.257
0.231
0.103
TPSD475*035#0700
D
4.7
35
1.6
6
700
1
0.463
0.417
0.185
0.324
0.292
0.130
TPSC685*035#0350
C
6.8
35
2.4
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSD685*035#0150
D
6.8
35
2.4
6
150
1
1.000
0.900
0.400
0.150
0.135
0.060
TPSD685*035#0400
D
6.8
35
2.4
6
400
1
0.612
0.551
0.245
0.245
0.220
0.098
TPSD685*035#0500
D
6.8
35
2.4
6
500
1
0.548
0.493
0.219
0.274
0.246
0.110
TPSD106*035#0125
D
10
35
3.5
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD106*035#0300
D
10
35
3.5
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE106*035#0200
E
10
35
3.5
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSY106*035#0250
Y
10
35
3.5
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSC156*035#0350
C
15
35
5.3
6
350
1
0.561
0.505
0.224
0.196
0.177
0.078
TPSC156*035#0450
C
15
35
5.3
6
450
1
0.494
0.445
0.198
0.222
0.200
0.089
TPSD156*035#0100
D
15
35
5.3
6
100
1
1.225
1.102
0.490
0.122
0.110
0.049
TPSD156*035#0300
D
15
35
5.3
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSY156*035#0250
Y
15
35
5.3
6
250
1
1)
0.707
0.636
0.283
0.177
0.159
0.071
TPSD226*035#0125
D
22
35
7.7
6
125
1
1.095
0.986
0.438
0.137
0.123
0.055
TPSD226*035#0200
D
22
35
7.7
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD226*035#0300
D
22
35
7.7
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSD226*035#0400
D
22
35
7.7
6
400
1
0.612
0.551
0.245
0.245
0.220
0.098
TPSE226*035#0125
E
22
35
7.7
6
125
1
1)
1.149
1.034
0.460
0.144
0.129
0.057
TPSE226*035#0200
E
22
35
7.7
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE226*035#0300
E
22
35
7.7
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSY226*035#0200
Y
22
35
7.7
6
200
1
1)
0.791
0.712
0.316
0.158
0.142
0.063
TPSD336*035#0200
D
33
35
11.6
6
200
1
0.866
0.779
0.346
0.173
0.156
0.069
TPSD336*035#0300
D
33
35
11.6
6
300
1
0.707
0.636
0.283
0.212
0.191
0.085
TPSE336*035#0100
E
33
35
11.6
6
100
1
1)
1.285
1.156
0.514
0.128
0.116
0.051
TPSE336*035#0250
E
33
35
11.6
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSE336*035#0300
E
33
35
11.6
6
300
1
1)
0.742
0.667
0.297
0.222
0.200
0.089
TPSV336*035#0200
V
33
35
11.6
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSE476*035#0200
E
47
35
16.5
6
200
1
1)
0.908
0.817
0.363
0.182
0.163
0.073
TPSE476*035#0250
E
47
35
16.5
6
250
1
1)
0.812
0.731
0.325
0.203
0.183
0.081
TPSV476*035#0150
V
47
35
16.5
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV476*035#0200
V
47
35
16.5
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
TPSV686M035#0150
V
68
35
23.8
6
150
1
1)
1.291
1.162
0.516
0.194
0.174
0.077
TPSV686M035#0200
V
68
35
23.8
6
200
1
1)
1.118
1.006
0.447
0.224
0.201
0.089
50 Volt @ 85ºC (33 Volt @ 125ºC)
TPSA154*050#9000
A
0.15
50
0.5
4
9000
1
0.091
0.082
0.037
0.822
0.739
0.329
TPSA224*050#7000
A
0.22
50
0.5
4
7000
1
0.104
0.093
0.041
0.725
0.652
0.290
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
The EIA & CECC standards for low ESR Solid Tantalum Capacitors allow an ESR movement to 1.25 times catalogue limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
39


Similar Part No. - TPSC107K006H0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSC107K006H0100V AVX-TPSC107K006H0100V Datasheet
137Kb / 11P
   Low ESR
TPSC107K006H0100V AVX-TPSC107K006H0100V Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC107K006H0100V AVX-TPSC107K006H0100V Datasheet
146Kb / 11P
   TPS Series
TPSC107K006H0100V AVX-TPSC107K006H0100V Datasheet
146Kb / 11P
   TPS Series
More results

Similar Description - TPSC107K006H0100V

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSB107M010R0400 AVX-TPSB107M010R0400 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSC336K016R0150 AVX-TPSC336K016R0150 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M016R0100 AVX-TPSD107M016R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSW226K016R0500 AVX-TPSW226K016R0500 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSD107M020R0085 AVX-TPSD107M020R0085 Datasheet
152Kb / 11P
   TPS Series Low ESR
TPSD156K035R0100 AVX-TPSD156K035R0100 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107K010R0050 AVX-TPSD107K010R0050 Datasheet
146Kb / 11P
   TPS Series Low ESR
TPSD107M010R0100 AVX-TPSD107M010R0100 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSA684M025R6000 AVX-TPSA684M025R6000 Datasheet
169Kb / 12P
   TPS Series Low ESR
TPSE686K025R0125 AVX-TPSE686K025R0125 Datasheet
163Kb / 11P
   TPS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com