Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRJD337006RJ Datasheet(PDF) 1 Page - AVX Corporation

Part # TRJD337006RJ
Description  Professional Tantalum Chip Capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TRJD337006RJ Datasheet(HTML) 1 Page - AVX Corporation

  TRJD337006RJ Datasheet HTML 1Page - AVX Corporation TRJD337006RJ Datasheet HTML 2Page - AVX Corporation TRJD337006RJ Datasheet HTML 3Page - AVX Corporation TRJD337006RJ Datasheet HTML 4Page - AVX Corporation TRJD337006RJ Datasheet HTML 5Page - AVX Corporation TRJD337006RJ Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
86
I SEPTEMBER 2013
TRJ Series
Professional Tantalum Chip Capacitor
HOW TO ORDER
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 470 μF
Capacitance Tolerance:
±10%; ±20%
Leakage Current DCL:
0.0075CV
Rated Voltage (VR)
+85°C:
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
0.5% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Termination Plating:
Sn Plating (standard), Gold and SnPb Plating upon request
Meets requirements of AEC-Q200
TECHNICAL SPECIFICATIONS
CASE DIMENSIONS: millimeters (inches)
TRJ
Type
B
Case Size
See table
above
105
Capacitance Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
*
Tolerance
K=±10%
M=±20%
035
Rated DC Voltage
004 = 4V
006 = 6.3V
010 = 10V
016 = 16V
020 = 20V
025 = 25V
035 = 35V
050 = 50V
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
A = Gold Plating 7" Reel
B = Gold Plating 13" Reel
H = Tin Lead 7" Reel
(Contact Manufacturer)
K = Tin Lead 13" Reel
(Contact Manufacturer)
H, K = Non RoHS
RJ
Standard
Suffix
OR
Code
EIA
EIA
L±0.20
W+0.20 (0.008) H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
C
2312
6032-28
6.00 (0.236)
3.20 (0.126)
2.60 (0.102)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
D
2917
7343-31
7.30 (0.287)
4.30 (0.169)
2.90 (0.114)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
E
2917
7343-43
7.30 (0.287)
4.30 (0.169)
4.10 (0.162)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
U
2924
7361-43
7.30 (0.287)
6.10 (0.240)
4.10 (0.162)
3.10 (0.120)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
For part marking see page 157
0100
Low ESR
in mΩ
• Improved reliability – 2x standard
• DCL reduced by 25% to 0.0075 CV
• Robust against higher thermo-mechanical stresses
during assembly process
• CV range: 0.10-470μF / 4-50V
• 6 case sizes available
• 126 low ESR parts released
• Automotive, medical, aerospace, military and other
high-end applications
Additional
characters may be
added for special
requirements
V = Dry pack Option
(selected codes only)
LEAD-FREE COMPATIBLE
COMPONENT
SnPb termination option is not
RoHS compliant.


Similar Part No. - TRJD337006RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
More results

Similar Description - TRJD337006RJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB105K035RRJ AVX-TRJB105K035RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJB106K016RRJ AVX-TRJB106K016RRJ Datasheet
132Kb / 6P
   Professional Tantalum Chip Capacitor
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
Suntan Capacitors
TS20 SUNTAN-TS20_17 Datasheet
168Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Abracon Corporation
ATCC-211A-010 ABRACON-ATCC-211A-010 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
ATCC-211B-025 ABRACON-ATCC-211B-025 Datasheet
2Mb / 4P
   Solid Tantalum Chip Capacitor
12.22.12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com