Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT60M324 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # GT60M324
Description  Consumer Application Voltage Resonance Inverter Switching Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT60M324 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  GT60M324 Datasheet HTML 1Page - Toshiba Semiconductor GT60M324 Datasheet HTML 2Page - Toshiba Semiconductor GT60M324 Datasheet HTML 3Page - Toshiba Semiconductor GT60M324 Datasheet HTML 4Page - Toshiba Semiconductor GT60M324 Datasheet HTML 5Page - Toshiba Semiconductor GT60M324 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GT60M324
2009-10-19
3
8
VGE = 7.5 V
20
15
10
8.5
9
0
2
3
4
5
100
0
20
40
60
80
120
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc
= −40°C
10
8
20
15
9
VGE = 7.5 V
8.5
0
1
2
3
4
5
100
0
20
40
60
80
120
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc
= 150°C
100
0
0
1
2
3
4
5
20
40
60
80
120
Collector-emitter voltage VCE (V)
IC – VCE
Common emitter
Tc
= 25°C
8
VGE =7.5 V
20
15
10
8.5
9
4
0
−75
100
−25
25
75
125
175
1
2
3
40
60
80
IC =20 A
Case temperature Tc (°C)
VCE (sat) – Tc
Common emitter
VGE = 15 V
120
Tc
= 150°C
−40
2
25
4
6
8
10
12
100
0
20
40
60
80
120
Gate-emitter voltage VGE (V)
IC – VGE
Common emitter
VCE = 5 V
100
0
20
40
60
80
120
Collector -emitter voltage VCE (V)
Common emitter
VGE = 15 V
IC – VCE
0
25
1
2
3
4
Tc=-40℃
150
1


Similar Part No. - GT60M324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT60M324 TOSHIBA-GT60M324 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - GT60M324

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT40T321 TOSHIBA-GT40T321 Datasheet
210Kb / 6P
   Consumer Application Voltage Resonance Inverter Switching Application
GT40Q322 TOSHIBA-GT40Q322 Datasheet
83Kb / 3P
   Voltage Resonance Inverter Switching Application
GT40Q321 TOSHIBA-GT40Q321 Datasheet
175Kb / 6P
   Voltage Resonance Inverter Switching Application
GT50J122 TOSHIBA-GT50J122 Datasheet
160Kb / 6P
   Current Resonance Inverter Switching Application
GT60J323H TOSHIBA-GT60J323H Datasheet
182Kb / 6P
   Current Resonance Inverter Switching Application
GT60N322 TOSHIBA-GT60N322 Datasheet
166Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT40Q321 TOSHIBA-GT40Q321_06 Datasheet
157Kb / 6P
   Silicon N Channel IEGT Voltage Resonance Inverter Switching Application
GT40Q323 TOSHIBA-GT40Q323_06 Datasheet
150Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT60M323 TOSHIBA-GT60M323_06 Datasheet
168Kb / 6P
   Silicon N Channel IGBT Voltage Resonance Inverter Switching Application
GT50J328 TOSHIBA-GT50J328 Datasheet
232Kb / 6P
   Current Resonance Inverter Switching Application Fourth Generation IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com