Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC0402KRX7R8BB562 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # CC0402KRX7R8BB562
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0402KRX7R8BB562 Datasheet(HTML) 5 Page - YAGEO Corporation

  CC0402KRX7R8BB562 Datasheet HTML 1Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 2Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 3Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 4Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 5Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 6Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 7Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 8Page - YAGEO Corporation CC0402KRX7R8BB562 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
5
20
Product specification
X7R
Table 2 Sizes from 0201 to 0402
CAPACITANCE RANGE & THICKNESS FOR X7R
CAP.
0201
0402
Last 2-digit of
12NC
6.3 V
10 V
16 V
25 V
50 V
6.3 V
10 V
16 V
25 V
50 V
100 pF
09
150 pF
12
220 pF
14
330 pF
16
470 pF
18
0.3±0.03
680 pF
21
1.0 nF
23
0.3±0.03
1.5 nF
25
2.2 nF
27
3.3 nF
29
4.7 nF
32
6.8 nF
34
10 nF
36
0.3±0.03 0.3±0.03 0.3±0.03
0.5±0.05
15 nF
38
22 nF
41
33 nF
43
47 nF
45
68 nF
47
100 nF
49
0.5±0.05 0.5±0.05 0.5±0.05 0.5±0.05
150 nF
52
220 nF
54
0.5±0.05 0.5±0.05 0.5±0.05
330 nF
56
470 nF
58
0.5±0.05
680 nF
61
1.0 µF
63
2.2 µF
67
4.7 µF
72
10 µF
76
22 µF
81
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before ordering


Similar Part No. - CC0402KRX7R8BB562

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC0402KRX7R8BB472 TI-CC0402KRX7R8BB472 Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
More results

Similar Description - CC0402KRX7R8BB562

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com