Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1803ACS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1803ACS
Description  Three-Cell Lithium-Ion Battery Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1803ACS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1803ACS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1803ACS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AIC1803
Three-Cell Lithium-Ion Battery Protection IC
DS-1803-01 July 14, 00
www.analog.com.tw
1
n FEATURES
l
Ultra-Low Quiescent Current at 13
µA (V
CELL=3.5V).
l
Ultra-Low Power-Down Current at 1.3
µA (V
CELL=2.3V)
l
Wide Supply Voltage Range: 2V to 18V.
l
Precision Overcharge Protection Voltage:
4.35V
± 30mV for the AIC1803A
4.30V
± 30mV for the AIC1803B
4.25V
± 30mV for the AIC1803C
4.20V
± 30mV for the AIC1803D
l
Externally Set Overcharge, Overdischarge and
Overcurrent Delay Time.
l
Built-in Cell-balancing Bleeding Network under
Overcharge Condition.
l
Three Detection Levels for Overcurrent Protection.
n APPLICATIONS
l
Protection IC for Three-Cell Lithium-Ion Battery Pack.
n DESCRIPTION
The AIC1803 is designed to protect the lithium-
ion battery from damage or degrading the lifetime
due
to
overcharging,
overdischarging
and
overcurrent
for
three-cell
lithium-ion
battery
powered systems such as notebook PCs. It can
also provide the cell-balancing “bleeding” function
to automatically discharge the overcharged cell
until the overcharge condition is released.
Safe and full utilization charging is ensured by
the accurate
±30mV overcharge detection. Four
different
specification
values
for
overcharge
protection
voltage
are
provided
for
various
protection requirements. The very low standby
current drains little current from the cell while in
storage.
n TYPICAL APPLICATION CIRCUIT
1K
1M
BATT+
FUSE
R8
R4
R1 2K
1K
0.1µF
C4
VC1
AIC1803
UD1
VCC
OC
CS
OD
3
2
1
16
15
14
1M
BAT1
0.1µF
NC
4
VC2
VC3
UD3
GND
UD2
11
10
9
13
12
NC
TI
6
TC
7
8
TD
5
R6
R5
BATT-
R7
33K
R3
BAT3
1M
BAT2
C1
Q1
M2
M1
2K
R2
0.1µF
C2
0.1
µF
C3
CTD
CTI
CTC
82nF
2.2nF
82nF
Protection Circuit for Three-Cell Lithium-Ion Battery Pack


Similar Part No. - AIC1803ACS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802ACS AIC-AIC1802ACS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802BCS AIC-AIC1802BCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1802CCS AIC-AIC1802CCS Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
More results

Similar Description - AIC1803ACS

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6803 SSC-SS6803 Datasheet
354Kb / 12P
   Three-cell Lithium-Ion Battery Protection IC
SS6804 SSC-SS6804 Datasheet
616Kb / 12P
   Three/Four-cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1804 AIC-AIC1804 Datasheet
170Kb / 12P
   Three- Or Four-Cell Lithium-Ion Battery Protection IC
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
logo
Silicon Standard Corp.
SS6821 SSC-SS6821 Datasheet
157Kb / 10P
   Single-Cell Lithium-Ion Battery Protection IC
logo
Analog Intergrations Co...
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Silicon Standard Corp.
SS6802 SSC-SS6802 Datasheet
253Kb / 10P
   TWO-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Analog Intergrations Co...
AIC1802 AIC-AIC1802 Datasheet
132Kb / 10P
   Two-Cell Lithium-Ion Battery Protection IC
logo
Texas Instruments
BQ29311 TI-BQ29311 Datasheet
242Kb / 19P
[Old version datasheet]   THREE AND FOUR CELL LITHIUM ION OR LITHIUM POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
   Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com