Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD2955P Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTD2955P
Description  ??0 V, ??2 A, P?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD2955P Datasheet(HTML) 6 Page - ON Semiconductor

  NTD2955P Datasheet HTML 1Page - ON Semiconductor NTD2955P Datasheet HTML 2Page - ON Semiconductor NTD2955P Datasheet HTML 3Page - ON Semiconductor NTD2955P Datasheet HTML 4Page - ON Semiconductor NTD2955P Datasheet HTML 5Page - ON Semiconductor NTD2955P Datasheet HTML 6Page - ON Semiconductor NTD2955P Datasheet HTML 7Page - ON Semiconductor NTD2955P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NTD2955, NTD2955P, NVD2955
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
NTD2955G
DPAK
(Pb−Free)
75 Units / Rail
NTD2955−1G
IPAK
(Pb−Free)
75 Units / Rail
NTD2955T4G
DPAK
(Pb−Free)
2500 / Tape & Reel
NTD2955PT4G
DPAK
(Pb−Free)
NVD2955T4G*
DPAK
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NVD Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.


Similar Part No. - NTD2955P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2955P ONSEMI-NTD2955P Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTD2955PT4G ONSEMI-NTD2955PT4G Datasheet
119Kb / 8P
   Power MOSFET
August, 2013 ??Rev. 13
NTD2955PT4G ONSEMI-NTD2955PT4G Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
More results

Similar Description - NTD2955P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD2955 ONSEMI-NTD2955_V01 Datasheet
112Kb / 8P
   Power MOSFET ??0 V, ??2 A, P?묬hannel DPAK
October, 2012 ??Rev. 12
NTDV20P06LT4G ONSEMI-NTDV20P06LT4G Datasheet
156Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTD20P06L ONSEMI-NTD20P06L Datasheet
119Kb / 7P
   Power MOSFET ??0 V, ??5.5 A, Single P?묬hannel, DPAK
August, 2011 ??Rev. 6
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTHS5441 ONSEMI-NTHS5441 Datasheet
66Kb / 6P
   ??0 V, ??.3 A, P?묬hannel ChipFET
July, 2005 ??Rev. 13
NTHS2101P ONSEMI-NTHS2101P Datasheet
54Kb / 6P
   ??.0 V, ??.5 A P?묬hannel ChipFET
October, 2004 ??Rev. 4
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NTP2955 ONSEMI-NTP2955 Datasheet
147Kb / 5P
   Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20
March, 2006 ??Rev. 2
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com