Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC55VCM416BTGN Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC55VCM416BTGN
Description  1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM416BTGN Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC55VCM416BTGN Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 9Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 10Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 11Page - Toshiba Semiconductor TC55VCM416BTGN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
TC55VCM416BTGN, TC55VCM416BSGN, TC55VEM416BXGN55
TC55YCM416BTGN, TC55YCM416BSGN, TC55YEM416BXGN70
2005-08-09
8/18
AC TEST CONDITIONS (Ta = −40 to 85°C, VDD = 2.3 to 3.6 V/1.65 to 2.2 V)
TEST CONDITION
PARAMETER
TC55VCM416BTGN55
TC55VCM416BSGN55
TC55VEM416BXGN55
TC55YCM416BTGN70
TC55YCM416BSGN70
TC55YEM416BXGN70
High
VDD × 0.7 + 0.2 V
VDD − 0.2 V
Input pulse level
Low
0.2 V
0.2 V
tR
1 V/ns
1 V/ns
Input rise and fall time
(Fig.1)
tF
1 V/ns
1 V/ns
Timing measurements
VDD × 0.5
VDD × 0.5
Reference level
VDD × 0.5
VDD × 0.5
VTM
2.3 V
1.65 V
R1
810
Ω
470
Ω
R2
1610
Ω
740
Ω
Output load
(Fig.2)
CL
30 pF
30 pF
Fig.1 : Input rise and fall time
Fig.2 : Output load
GND
90%
tR
10%
90%
10%
tF
VDD
Dout
CL
R2
VTM
R1


Similar Part No. - TC55VCM416BTGN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN55 TOSHIBA-TC55VCM208ASTN55 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN55 TOSHIBA-TC55VCM216ASTN55 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Similar Description - TC55VCM416BTGN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com