Electronic Components Datasheet Search |
|
TPSC107M050K0100V Datasheet(PDF) 1 Page - AVX Corporation |
|
TPSC107M050K0100V Datasheet(HTML) 1 Page - AVX Corporation |
1 / 11 page TPS Series Low ESR HOW TO ORDER Technical Data: All technical data relate to an ambient temperature of +25°C Capacitance Range: 0.15 μF to 1500 μF Capacitance Tolerance: ±10%; ±20% Rated Voltage (VR) +85°C: 2.5 4 6.3 10 16 20 25 35 50 Category Voltage (VC) +125°C: 1.7 2.7 4 7 10 13 17 23 33 Surge Voltage (VS) +85°C: 3.3 5.2 8 13 20 26 32 46 65 Surge Voltage (VS) +125°C: 2.2 3.4 5 8 13 16 20 28 40 Temperature Range: -55°C to +125°C Environmental Classification: 55/125/56 (IEC 68-2) Reliability: 1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level Termination Finished: Sn Plating (standard), Gold and SnPb Plating upon request Meets requirements of AEC-Q200 TECHNICAL SPECIFICATIONS CASE DIMENSIONS: millimeters (inches) Code EIA EIA L±0.20 W+0.20 (0.008) H+0.20 (0.008) W 1±0.20 A+0.30 (0.012) S Min. Code Metric (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) A 1206 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) B 1210 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) C 2312 6032-28 6.00 (0.236) 3.20 (0.126) 2.6 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) D 2917 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) E 2917 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) F 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) P 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) max. 1.0 ±0.1 0.50 (0.020) 0.85 (0.033) (0.039 ±0.004) R 0805 2012-12 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) max. 1.0 ±0.1 0.50 (0.020) 0.85 (0.033) (0.039 ±0.004) S 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) max. 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) T 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) max. 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) V 2924 7361-38 7.30 (0.287) 6.10 (0.240) 3.45 ±0.30 3.10 (0.120) 1.40 (0.055) 4.40 (0.173) (0.136 ±0.012) W 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) X 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) Y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) W1 dimension applies to the termination width for A dimensional area only. For part marking see page 131 107 Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) M Tolerance K = ±10% M = ±20% 010 Rated DC Voltage 002 = 2.5Vdc 004 = 4Vdc 006 = 6.3Vdc 010 = 10Vdc 016 = 16Vdc 020 = 20Vdc 025 = 25Vdc 035 = 35Vdc 050 = 50Vdc R Packaging R = Lead Free 7" Reel S = Lead Free 13" Reel A = Gold Plating 7" Reel B = Gold Plating 13" Reel H = Tin Lead 7" Reel (Contact Manufacturer) K = Tin Lead 13" Reel (Contact Manufacturer) H, K = Non RoHS 0100 ESR in mΩ • Low ESR series of robust Mn02 solid electrolyte capacitors • CV range: 0.15-1500μF / 2.5-50V • 14 case sizes available • Power supply applications LEAD-FREE COMPATIBLE COMPONENT TPS Type C Case Size See table above — Additional characters may be added for special requirements V = Dry pack Option (selected codes only) 30 |
Similar Part No. - TPSC107M050K0100V |
|
Similar Description - TPSC107M050K0100V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |