Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8417 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8417
Description  Bidirectional, Zero Drift, Current Sense Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8417 Datasheet(HTML) 3 Page - Analog Devices

  AD8417 Datasheet HTML 1Page - Analog Devices AD8417 Datasheet HTML 2Page - Analog Devices AD8417 Datasheet HTML 3Page - Analog Devices AD8417 Datasheet HTML 4Page - Analog Devices AD8417 Datasheet HTML 5Page - Analog Devices AD8417 Datasheet HTML 6Page - Analog Devices AD8417 Datasheet HTML 7Page - Analog Devices AD8417 Datasheet HTML 8Page - Analog Devices AD8417 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8417
SPECIFICATIONS
TA = −40°C to +125°C (operating temperature range), VS = 5 V, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN
Initial
60
V/V
Error Over Temperature
Specified temperature range
±0.3
%
Gain vs. Temperature
−10
+10
ppm/°C
VOLTAGE OFFSET
Offset Voltage, Referred to the Input (RTI)
25°C
±200
µV
Over Temperature (RTI)
Specified temperature range
±400
µV
Offset Drift
−0.4
+0.1
+0.4
µV/°C
INPUT
Input Bias Current
130
µA
Input Voltage Range
Common mode, continuous
−2
+70
V
Common-Mode Rejection Ratio (CMRR)
Specified temperature range, f = dc
90
100
dB
f = dc to 10 kHz
86
dB
OUTPUT
Output Voltage Range
RL = 25 kΩ
0.045
VS − 0.035
V
Output Resistance
2
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
250
kHz
Slew Rate
1
V/µs
NOISE
0.1 Hz to 10 Hz (RTI)
2.3
µV p-p
Spectral Density, 1 kHz (RTI)
110
nV/√Hz
OFFSET ADJUSTMENT
Ratiometric Accuracy1
Divider to supplies
0.499
0.501
V/V
Accuracy, Referred to the Output (RTO)
Voltage applied to VREF1 and VREF2 in parallel
±1
mV/V
Output Offset Adjustment Range
VS = 5 V
0.045
VS − 0.035
V
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current Over Temperature
VOUT = 0.1 V dc
4.1
mA
Power Supply Rejection Ratio
80
dB
Temperature Range
For Specified Performance
Operating temperature range
−40
+125
°C
1
The offset adjustment is ratiometric to the power supply when VREF1 and VREF2 are used as a divider between the supplies.
Rev. 0 | Page 3 of 16


Similar Part No. - AD8417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8417 AD-AD8417 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8417-2ACBZ-R7 AD-AD8417-2ACBZ-R7 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8417BRMZ AD-AD8417BRMZ Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
More results

Similar Description - AD8417

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
AD8418 AD-AD8418 Datasheet
300Kb / 16P
   Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
AD8417-2 AD-AD8417-2 Datasheet
791Kb / 15P
   Bidirectional, Zero Drift, Current Sense Amplifier
Rev. 0
AD8418A AD-AD8418A Datasheet
424Kb / 17P
   Bidirectional, Zero Drift, Current Sense Amplifier
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
logo
Texas Instruments
INA186 TI1-INA186 Datasheet
1Mb / 31P
[Old version datasheet]   Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com