Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH15T120SMD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGH15T120SMD
Description  1200 V, 15 A Field Stop Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH15T120SMD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGH15T120SMD Datasheet HTML 1Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 2Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 3Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 4Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 5Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 6Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 7Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 8Page - Fairchild Semiconductor FGH15T120SMD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2013 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGH15T120SMD Rev. C1
September 2013
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Notes:
1. Vcc = 600 V,VGE = 15 V, IC = 60 A, RG =34 Ω, Inductive Load
2. Limited by Tjmax
Symbol
Description
Ratings
Unit
VCES
Collector to Emitter Voltage
1200
V
VGES
Gate to Emitter Voltage
±25
V
Transient Gate to Emitter Voltage
±30
V
IC
Collector Current
@ TC = 25
oC30
A
Collector Current
@ TC = 100
oC15
A
ILM (1)
Clamped Inductive Load Current
@ TC = 25
oC
60
A
ICM (2)
Pulsed Collector Current
60
A
IF
Diode Continuous Forward Current
@ TC = 25
oC
30
A
Diode Continuous Forward Current
@ TC = 100
oC
15
A
IFM
Diode Maximum Forward Current
100
A
PD
Maximum Power Dissipation
@ TC = 25
oC333
W
Maximum Power Dissipation
@ TC = 100
oC167
W
TJ
Operating Junction Temperature
-55 to +175
oC
Tstg
Storage Temperature Range
-55 to +175
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Symbol
Parameter
Typ.
Max.
Unit
RθJC(IGBT)
Thermal Resistance, Junction to Case
--
0.45
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
--
2.0
oC/W
RθJA
Thermal Resistance, Junction to Ambient
--
40
oC/W
G
C
E
COLLECTOR
(FLANGE)
E
C
G
FGH15T120SMD
1200 V, 15 A Field Stop Trench IGBT
Features
• FS Trench Technology, Positive Temperature Coefficient
• High Speed Switching
• Low Saturation Voltage: VCE(sat) =1.8 V @ IC = 15 A
• 100% of The Parts Tested for ILM(1)
• High Input Impedance
•RoHS Compliant
Applications
• Solar Inverter, Welder, UPS & PFC Applications.
General Description
Using innovative field stop trench IGBT technology, Fairchild’s
new series of field stop trench IGBTs offer the optimum
performance for hard switching application such as solar
inverter, UPS, welder and PFC applications.


Similar Part No. - FGH15T120SMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
FGH12040WD-F155 ONSEMI-FGH12040WD-F155 Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
More results

Similar Description - FGH15T120SMD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
logo
Fairchild Semiconductor
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
   1200 V, 40 A Field Stop Trench IGBT
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
   1200 V, 25 A Field Stop Trench IGBT
logo
ON Semiconductor
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
   IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
logo
STMicroelectronics
STGW15H120DF2 STMICROELECTRONICS-STGW15H120DF2 Datasheet
832Kb / 18P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
March 2015 Rev 5
STGW15H120F2 STMICROELECTRONICS-STGW15H120F2 Datasheet
801Kb / 17P
   Trench gate field-stop IGBT, H series 1200 V, 15 A high speed
April 2015 Rev 5
STGW15S120DF3 STMICROELECTRONICS-STGW15S120DF3 Datasheet
741Kb / 18P
   Trench gate field-stop IGBT, S series 1200 V, 15 A low drop
December 2014 Rev 2
STGW15M120DF3 STMICROELECTRONICS-STGW15M120DF3 Datasheet
1Mb / 19P
   Trench gate field-stop IGBT, M series 1200 V, 15 A low loss
October 2014 Rev 2
logo
Sanken electric
FGA65A3H SANKEN-FGA65A3H Datasheet
394Kb / 12P
   VCE = 650 V, IC = 15 A Trench Field Stop IGBT
logo
ON Semiconductor
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com