Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494S106004A Datasheet(PDF) 11 Page - Kemet Corporation

Part # T494S106004A
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494S106004A Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T494S106004A Datasheet HTML 7Page - Kemet Corporation T494S106004A Datasheet HTML 8Page - Kemet Corporation T494S106004A Datasheet HTML 9Page - Kemet Corporation T494S106004A Datasheet HTML 10Page - Kemet Corporation T494S106004A Datasheet HTML 11Page - Kemet Corporation T494S106004A Datasheet HTML 12Page - Kemet Corporation T494S106004A Datasheet HTML 13Page - Kemet Corporation T494S106004A Datasheet HTML 14Page - Kemet Corporation T494S106004A Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2008_T494 • 10/7/2013 11
11
Tantalum Surface Mount Capacitors – Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors
T494 Industrial Grade Low ESR MnO
2 Series
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20ºC
Max/5 Min
% @ 20ºC
120 Hz Max
Ω @ 20ºC
100 kHz Max
(mA) 100 kHz
25ºC
(mA) 100 kHz
85ºC
(mA) 100 kHz
125ºC
Reflow Temp
≤ 260ºC
35
4.7
C/6032-28
T494C475(1)035A(2)
1.6
6.0
0.7
396
356
158
1
35
6.8
D/7343-31
T494D685(1)035A(2)
2.4
6.0
0.5
548
493
219
1
35
6.8
C/6032-28
T494C685(1)035A(2)
2.4
6.0
0.9
350
315
140
1
35
10
D/7343-31
T494D106(1)035A(2)
3.5
6.0
0.4
612
551
245
1
35
10
C/6032-28
T494C106(M)035A(2)
3.5
6.0
1.2
303
273
121
1
35
10
V/7343-20
T494V106(1)035A(2)
3.5
6.0
0.8
395
356
158
1
35
15
X/7343-43
T494X156(1)035A(2)
5.3
6.0
0.30
742
668
297
1
35
15
D/7343-31
T494D156(1)035A(2)
5.3
6.0
0.35
655
590
262
1
35
22
X/7343-43
T494X226(1)035A(2)
7.7
6.0
0.3
742
668
297
1
35
22
D/7343-31
T494D226(1)035A(2)
7.7
6.0
0.4
612
551
245
1
35
33
D/7343-31
T494D336(1)035A(2)
11.6
6.0
0.6
500
450
200
1
35
33
X/7343-43
T494X336(1)035A(2)
11.6
6.0
0.6
524
472
210
1
35
47
X/7343-43
T494X476(1)035A(2)
16.5
8.0
0.5
574
517
230
1
35
47
E/7360-38
T494E476(1)035A(2)
16.5
10.0
0.3
816
734
326
1
50
0.1
A/3216-18
T494A104(1)050A(2)
0.5
4.0
10.0
87
78
35
1
50
0.15
A/3216-18
T494A154(1)050A(2)
0.5
4.0
10.0
87
78
35
1
50
0.22
A/3216-18
T494A224(1)050A(2)
0.5
4.0
12.0
79
71
32
1
50
0.22
B/3528-21
T494B224(1)050A(2)
0.5
4.0
10.0
92
83
37
1
50
0.33
A/3216-18
T494A334(1)050A(2)
0.5
4.0
9.0
91
82
36
1
50
0.33
B/3528-21
T494B334(1)050A(2)
0.5
4.0
2.5
184
166
74
1
50
0.47
A/3216-18
T494A474(1)050A(2)
0.5
4.0
6.0
112
101
45
1
50
0.47
C/6032-28
T494C474(1)050A(2)
0.5
4.0
1.8
247
222
99
1
50
0.47
B/3528-21
T494B474(1)050A(2)
0.5
4.0
2.0
206
185
82
1
50
0.68
A/3216-18
T494A684(1)050A(2)
0.5
4.0
5.0
122
110
49
1
50
0.68
C/6032-28
T494C684(1)050A(2)
0.5
4.0
1.6
262
236
105
1
50
0.68
B/3528-21
T494B684(1)050A(2)
0.5
4.0
3.0
168
151
67
1
50
1
A/3216-18
T494A105(1)050A(2)
0.5
4.0
5.0
122
110
49
1
50
1
C/6032-28
T494C105(1)050A(2)
0.5
4.0
1.6
262
236
105
1
50
1
B/3528-21
T494B105(1)050A(2)
0.5
6.0
4.0
146
131
58
1
50
1
V/7343-20
T494V105(M)050A(2)
0.5
4.0
4.0
177
159
71
1
50
1.5
D/7343-31
T494D155(1)050A(2)
0.8
6.0
1.0
387
348
155
1
50
1.5
C/6032-28
T494C155(1)050A(2)
0.8
6.0
1.5
271
244
108
1
50
2.2
D/7343-31
T494D225(1)050A(2)
1.1
6.0
0.8
433
390
173
1
50
2.2
C/6032-28
T494C225(1)050A(2)
1.1
6.0
1.5
271
244
108
1
50
3.3
D/7343-31
T494D335(1)050A(2)
1.7
6.0
0.8
433
390
173
1
50
4.7
D/7343-31
T494D475(1)050A(2)
2.4
6.0
0.6
500
450
200
1
50
6.8
X/7343-43
T494X685(1)050A(2)
3.4
6.0
0.5
574
517
230
1
50
6.8
D/7343-31
T494D685(1)050A(2)
3.4
6.0
0.7
463
417
185
1
50
10
X/7343-43
T494X106(M)050A(2)
5.0
6.0
0.4
642
578
257
1
50
10
D/7343-31
T494D106(1)050A(2)
5.0
6.0
0.7
463
417
185
1
50
15
X/7343-43
T494X156(1)050A(2)
7.5
6.0
0.4
642
578
257
1
50
22
X/7343-43
T494X226(1)050A(2)
11.0
10.0
0.5
574
517
230
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20ºC
Max/5 Min
% @ 20ºC
120 Hz Max
Ω @ 20ºC
100 kHz Max
(mA) 100 kHz
25ºC
(mA) 100 kHz
85ºC
(mA) 100 kHz
125ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Roll Over for
Order Info.
T
494
T
336
M
004
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code(pF)
Capacitance
Tolerance
Voltage
FailureRate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial -
Low ESR
A, B, C, D,
E, S, T, U,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
G = Gold Plated (A, B,
C, D, X only)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T494S106004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494S106K004AS KEMET-T494S106K004AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494S106M004AS KEMET-T494S106M004AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494S106M006AS KEMET-T494S106M006AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
T494S106M010AS KEMET-T494S106M010AS Datasheet
257Kb / 3P
   SOLID TANTALUM CHIP CAPACITORS
(T494 SERIES - Low ESR, Industrial Grade)
More results

Similar Description - T494S106004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B226M016AT KEMET-T494B226M016AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157K010ATE100 KEMET-T495D157K010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157M010ATE100 KEMET-T495D157M010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A106K010AT KEMET-T494A106K010AT Datasheet
2Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T510E107K025AHE050 KEMET-T510E107K025AHE050 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A475K010ATE1K3 KEMET-T495A475K010ATE1K3 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com