Electronic Components Datasheet Search |
|
AIC1804CCS Datasheet(PDF) 7 Page - Analog Intergrations Corporation |
|
AIC1804CCS Datasheet(HTML) 7 Page - Analog Intergrations Corporation |
7 / 12 page AIC1804 7 n BLOCK DIAGRAM Battery Voltage Sense Circuit 450 400 350 300 12 VC2 14 VC1 16 VCC 10 15 13 11 9 8 UD4 UD3 UD2 VC3 UD1 GND 3 CS 7 TC 6 5 Wake-Up Control 2 4 OC OD VCC-1V VCC-0.3V VCC-0.15V VCC+0.4V Power-Down Control 1.2V Overcharge Delay Circuit Overcurrent Delay Circuit TI TD O verdischarge Delay Circuit n PIN DESCRIPTIONS PIN 1: NSL- Input pin for cell number selection. Connect this pin to VCC for three-cell application and to GND for four-cell application. PIN 2: OC- NMOS open drain output for control of the charge control MOSFET M2. When overcharge occurs, this pin sinks current to switch the external PNP Q1 on, and charging is inhibited by turning off the charge control MOSFET M2. PIN 3: CS- Input pin for current sensing. Using the drain-source voltage of the discharge control MOSFET M1 (voltage between VCC and CS), it senses discharge current during normal mode and detects whether charging current is present during power-down mode. PIN 4: OD - Output pin for control of discharge control MOSFET M1. When overdischarge occurs, this PIN 5: TD- Overdischarge delay time setting pin. PIN 6: TI - Overcurrent delay time setting pin. PIN 7: TC - Overcharge delay time setting pin. PIN 8: GND - Ground pin. This pin is to be connected to the negative terminal of the battery cell BAT4. PIN 9: UD4- This pin is to be connected to the positive terminal of the battery cell BAT4 for cell-balancing bleeding function under overcharge condition. PIN10: VC3- Input pin for battery BAT4 voltage sensing. This pin is to be connected to the positive terminal of the battery cell BAT4. PIN11: UD3 - This pin is to be connected to |
Similar Part No. - AIC1804CCS |
|
Similar Description - AIC1804CCS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |