Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85410 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL85410
Description  Wide VIN 1A Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85410 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL85410 Datasheet HTML 1Page - Intersil Corporation ISL85410 Datasheet HTML 2Page - Intersil Corporation ISL85410 Datasheet HTML 3Page - Intersil Corporation ISL85410 Datasheet HTML 4Page - Intersil Corporation ISL85410 Datasheet HTML 5Page - Intersil Corporation ISL85410 Datasheet HTML 6Page - Intersil Corporation ISL85410 Datasheet HTML 7Page - Intersil Corporation ISL85410 Datasheet HTML 8Page - Intersil Corporation ISL85410 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Wide VIN 1A Synchronous Buck Regulator
ISL85410
The ISL85410 is a 1A Synchronous buck regulator with an
input range of 3V to 36V. It provides an easy to use, high
efficiency low BOM count solution for a variety of applications.
The ISL85410 integrates both high-side and low-side NMOS
FET's and features a PFM mode for improved efficiency at light
loads. This feature can be disabled if forced PWM mode is
desired. The part switches at a default frequency of 500kHz
but may also be programmed using an external resistor from
300kHz to 2MHz. The ISL85410 has the ability to utilize
internal or external compensation. By integrating both NMOS
devices and providing internal configuration options, minimal
external components are required, reducing BOM count and
complexity of design.
With the wide VIN range and reduced BOM the part provides an
easy to implement design solution for a variety of applications
while giving superior performance. It will provide a very robust
design for high voltage Industrial applications as well as an
efficient solution for battery powered applications.
The part is available in a small Pb free 4mmx3mm DFN plastic
package with an operation temperature range of -40°C to
+125°C
Related Literature
•See AN1905, “ISL85410EVAL1Z, ISL85410AEVAL1Z,
ISL85418EVAL1Z Wide VIN 1A, 800mA Synchronous Buck
Regulator”
•See AN1908, “ISL85410DEMO1Z, ISL85418DEMO1Z Wide
VIN 1A, 800mA Synchronous Buck Regulator”
Features
• Wide input voltage range 3V to 36V
• Synchronous Operation for high efficiency
• No compensation required
• Integrated High-side and Low-side NMOS devices
• Selectable PFM or forced PWM mode at light loads
• Internal fixed (500kHz) or adjustable Switching frequency
300kHz to 2MHz
• Continuous output current up to 1A
• Internal or external Soft-start
• Minimal external components required
• Power-good and enable functions available.
Applications
• Industrial control
•Medical devices
•Portable instrumentation
• Distributed Power supplies
• Cloud Infrastructure
FIGURE 1. TYPICAL APPLICATION
FIGURE 2. EFFICIENCY vs LOAD, PFM, VOUT = 3.3V
GND
CBOOT
100nF
CFB
R3
R2
PHASE
SS
SYNC
BOOT
VIN
PGND
FS
COMP
FB
VCC
PG
EN
CVCC
1µF
CVIN
10µF
L1
22µH
COUT
10µF
1
2
3
4
5
6
9
10
11
12
INTERNAL DEFAULT PARAMETER SELECTION
COUT
10µF
VOUT
50
55
60
65
70
75
80
85
90
95
100
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 12V
VIN = 33V
OUTPUT LOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas LLC 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
November 22, 2013
FN8375.2


Similar Part No. - ISL85410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 21P
   Wide VIN 1A Synchronous Buck Regulator
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL854102FRZ RENESAS-ISL854102FRZ Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
More results

Similar Description - ISL85410

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 21P
   Wide VIN 1A Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com