Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85410FRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL85410FRZ
Description  Wide VIN 1A Synchronous Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL85410FRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL85410FRZ Datasheet HTML 4Page - Intersil Corporation ISL85410FRZ Datasheet HTML 5Page - Intersil Corporation ISL85410FRZ Datasheet HTML 6Page - Intersil Corporation ISL85410FRZ Datasheet HTML 7Page - Intersil Corporation ISL85410FRZ Datasheet HTML 8Page - Intersil Corporation ISL85410FRZ Datasheet HTML 9Page - Intersil Corporation ISL85410FRZ Datasheet HTML 10Page - Intersil Corporation ISL85410FRZ Datasheet HTML 11Page - Intersil Corporation ISL85410FRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL85410
8
FN8375.2
November 22, 2013
Efficiency Curves F
SW = 500kHz, TA = +25°C
FIGURE 5. EFFICIENCY vs LOAD, PFM, VOUT = 12V
FIGURE 6. EFFICIENCY vs LOAD, PWM, VOUT = 12V
FIGURE 7. EFFICIENCY vs LOAD, PFM, VOUT = 5V, L1 = 30µH
FIGURE 8. EFFICIENCY vs LOAD, PWM, VOUT = 5V, L1 = 30µH
FIGURE 9. EFFICIENCY vs LOAD, PFM, VOUT = 3.3V
FIGURE 10. EFFICIENCY vs LOAD, PWM, VOUT = 3.3V
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN = 15V
VIN = 24V
VIN = 33V
OUTPUT LOAD (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VIN = 15V
VIN = 24V
VIN = 33V
OUTPUT LOAD (A)
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OUTPUT LOAD (A)
VIN = 6V
VIN = 15V
VIN = 24V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OUTPUT LOAD (A)
VIN = 6V
VIN = 15V
VIN = 24V
VIN = 12V
50
55
60
65
70
75
80
85
90
95
100
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 12V
VIN = 33V
OUTPUT LOAD (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
OUTPUT LOAD (A)
VIN = 5V
VIN = 15V
VIN = 24V
VIN = 12V
VIN = 33V


Similar Part No. - ISL85410FRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85410FRZ RENESAS-ISL85410FRZ Datasheet
1Mb / 21P
   Wide VIN 1A Synchronous Buck Regulator
More results

Similar Description - ISL85410FRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL85410 RENESAS-ISL85410 Datasheet
1Mb / 21P
   Wide VIN 1A Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
   Wide VIN 500mA Synchronous Buck Regulator
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
   Wide VIN 150mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
   Wide VIN 800mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
   Wide VIN 1.2A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
   Wide VIN 300mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
   Wide VIN 500mA Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com