Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si7013-A10-GM Datasheet(PDF) 11 Page - Silicon Laboratories

Part # Si7013-A10-GM
Description  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-GM Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button Si7013-A10-GM Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 9Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 10Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 11Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 12Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 13Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 14Page - Silicon Laboratories Si7013-A10-GM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Si7013
Rev. 0.95
11
Table 7. Thermal Characteristics
Parameter
Symbol
Test Condition
DFN-6
Unit
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
No Airflow
236
°C/W
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
1 m/s Airflow
203
°C/W
Junction to Air Thermal Resistance
JA
JEDEC 2-Layer board,
2.5 m/s Airflow
191
°C/W
Junction to Case Thermal Resistance
JC
JEDEC 2-Layer board
20
°C/W
Junction to Board Thermal Resistance
JB
JEDEC 2-Layer board
112
°C/W
Table 8. Absolute Maximum Ratings1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient temperature
under bias
–55
125
°C
Storage
TemperatureFigure 2
–65
150
°C
Voltage on I/O pins
–0.3
VDD+0.3V
V
Voltage on VDD with
respect to GND
–0.3
4.2
V
Notes:
1.
Absolute maximum ratings are stress ratings only, operation at or beyond these conditions is not implied and may
shorten the life of the device or alter its performance.
2.
Special handling considerations apply; see application note, “AN607: Si70xx Humidity Sensor Designer’s Guide” for
details.


Similar Part No. - Si7013-A10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si7013-A10-GM SILABS-Si7013-A10-GM Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1 SILABS-Si7013-A10-GM1 Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GM1R SILABS-Si7013-A10-GM1R Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7013-A10-GMR SILABS-Si7013-A10-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - Si7013-A10-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com