Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T494C336004A Datasheet(PDF) 7 Page - Kemet Corporation

Part # T494C336004A
Description  Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494C336004A Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T494C336004A Datasheet HTML 3Page - Kemet Corporation T494C336004A Datasheet HTML 4Page - Kemet Corporation T494C336004A Datasheet HTML 5Page - Kemet Corporation T494C336004A Datasheet HTML 6Page - Kemet Corporation T494C336004A Datasheet HTML 7Page - Kemet Corporation T494C336004A Datasheet HTML 8Page - Kemet Corporation T494C336004A Datasheet HTML 9Page - Kemet Corporation T494C336004A Datasheet HTML 10Page - Kemet Corporation T494C336004A Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2008_T494 • 10/7/2013
77
Tantalum Surface Mount Capacitors – Low ESR MnO
2 Tantalum & Aluminum Surface Mount Capacitors
T494 Industrial Grade Low ESR MnO
2 Series
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates
termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating. Substitutions can include better than series.
Table 1 – Ratings & Part Number Reference cont'd
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20ºC
Max/5 Min
% @ 20ºC
120 Hz Max
Ω @ 20ºC
100 kHz Max
(mA) 100 kHz
25ºC
(mA) 100 kHz
85ºC
(mA) 100 kHz
125ºC
Reflow Temp
≤ 260ºC
6.3
220
D/7343-31
T494D227(1)006A(2)
13.9
8.0
0.15
1000
900
400
1
6.3
220
C/6032-28
T494C227(M)006A(2)
13.9
10.0
0.30
606
545
242
1
6.3
220
V/7343-20
T494V227(M)006A(2)
13.9
12.0
0.30
645
581
258
1
6.3
330
X/7343-43
T494X337(1)006A(2)
20.8
8.0
0.15
1049
944
420
1
6.3
330
D/7343-31
T494D337(1)006A(2)
20.8
8.0
0.15
1000
900
400
1
6.3
330
E/7360-38
T494E337(1)006A(2)
20.8
8.0
0.25
894
805
358
1
6.3
470
X/7343-43
T494X477(1)006A(2)
29.6
10.0
0.10
1285
1157
514
1
6.3
470
D/7343-31
T494D477(M)006A(2)
29.6
12.0
0.15
1000
900
400
1
6.3
470
E/7360-38
T494E477(1)006A(2)
29.6
10.0
0.20
1000
900
400
1
6.3
680
E/7360-38
T494E687(M)006A(2)
42.8
12.0
0.10
1414
1273
566
1
6.3
680
X/7343-43
T494X687(1)006A(2)
42.8
12.0
0.10
1285
1157
514
1
10
1.5
A/3216-18
T494A155(1)010A(2)
0.5
6.0
6.0
112
101
45
1
10
2.2
B/3528-21
T494B225(1)010A(2)
0.5
6.0
1.5
238
214
95
1
10
2.2
A/3216-18
T494A225(1)010A(2)
0.5
6.0
6.0
112
101
45
1
10
3.3
A/3216-18
T494A335(1)010A(2)
0.5
6.0
4.0
137
123
55
1
10
3.3
S/3216-12
T494S335(1)010A(2)
0.5
6.0
9.0
82
74
33
1
10
4.7
B/3528-21
T494B475(1)010A(2)
0.5
6.0
1.5
238
214
95
1
10
4.7
A/3216-18
T494A475(1)010A(2)
0.5
6.0
3.0
158
142
63
1
10
4.7
S/3216-12
T494S475(1)010A(2)
0.5
6.0
9.0
82
74
33
1
10
6.8
B/3528-21
T494B685(1)010A(2)
0.7
6.0
1.2
266
239
106
1
10
6.8
A/3216-18
T494A685(1)010A(2)
0.7
6.0
3.0
158
142
63
1
10
6.8
T/3528-12
T494T685(1)010A(2)
0.7
6.0
2.0
187
168
75
1
10
6.8
S/3216-12
T494S685(M)010A(2)
0.7
10.0
9.0
82
74
33
1
10
10
C/6032-28
T494C106(1)010A(2)
1.0
6.0
0.6
428
385
171
1
10
10
B/3528-21
T494B106(1)010A(2)
1.0
6.0
0.8
326
293
130
1
10
10
A/3216-18
T494A106(1)010A(2)
1.0
6.0
1.8
204
184
82
1
10
10
T/3528-12
T494T106(1)010A(2)
1.0
6.0
3.5
141
127
56
1
10
10
S/3216-12
T494S106(M)010A(2)
1.0
10.0
12.0
71
64
28
1
10
15
C/6032-28
T494C156(1)010A(2)
1.5
6.0
0.5
469
422
188
1
10
15
U/6032-15
T494U156(1)010A(2)
1.5
6.0
0.8
335
302
134
1
10
15
B/3528-21
T494B156(1)010A(2)
1.5
6.0
0.7
348
313
139
1
10
15
A/3216-18
T494A156(1)010A(2)
1.5
6.0
3.2
153
138
61
1
10
15
T/3528-12
T494T156(M)010A(2)
1.5
8.0
3.5
141
127
56
1
10
22
C/6032-28
T494C226(1)010A(2)
2.2
6.0
0.4
524
472
210
1
10
22
U/6032-15
T494U226(1)010A(2)
2.2
6.0
0.8
335
302
134
1
10
22
B/3528-21
T494B226(1)010A(2)
2.2
6.0
0.7
348
313
139
1
10
22
A/3216-18
T494A226(M)010A(2)
2.2
10.0
4.5
129
116
52
1
10
22
T/3528-12
T494T226(M)010A(2)
2.2
12.0
6.0
108
97
43
1
10
33
D/7343-31
T494D336(1)010A(2)
3.3
6.0
0.25
775
698
310
1
10
33
V/7343-20
T494V336(1)010A(2)
3.3
6.0
0.30
645
581
258
1
10
33
C/6032-28
T494C336(1)010A(2)
3.3
6.0
0.30
606
545
242
1
10
33
U/6032-15
T494U336(1)010A(2)
3.3
6.0
0.60
387
348
155
1
10
33
T/3528-12
T494T336(1)010A(2)
3.3
24.0
3.75
137
123
55
1
10
33
B/3528-21
T494B336(1)010A(2)
3.3
6.0
1.40
246
221
98
1
10
33
A/3216-18
T494A336(1)010A(2)
3.3
15.0
4.00
137
123
55
1
10
47
D/7343-31
T494D476(1)010A(2)
4.7
6.0
0.22
826
743
330
1
10
47
V/7343-20
T494V476(1)010A(2)
4.7
6.0
0.30
645
581
258
1
10
47
C/6032-28
T494C476(1)010A(2)
4.7
6.0
0.30
606
545
242
1
10
47
U/6032-15
T494U476(1)010A(2)
4.7
10.0
1.20
274
247
110
1
10
47
B/3528-21
T494B476(M)010A(2)
4.7
8.0
0.65
362
326
145
1
10
68
D/7343-31
T494D686(1)010A(2)
6.8
6.0
0.20
866
779
346
1
VDC
µF
KEMET/EIA
(See below for
part options)
µA @ 20ºC
Max/5 Min
% @ 20ºC
120 Hz Max
Ω @ 20ºC
100 kHz Max
(mA) 100 kHz
25ºC
(mA) 100 kHz
85ºC
(mA) 100 kHz
125ºC
Reflow Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Moisture
Sensitivity
Roll Over for
Order Info.
T
494
T
336
M
004
A
T
Capacitor
Class
Series
Case Size
Capacitance
Code(pF)
Capacitance
Tolerance
Voltage
FailureRate/
Design
Lead Material
Packaging (C-Spec)
T =
Tantalum
Industrial -
Low ESR
A, B, C, D,
E, S, T, U,
V, X
Firsttwodigits
representsignificant
figures.Thirddigit
specifiesnumberof
zeros.
K = ±10%
M = ±20%
2R5 = 2.5 V
003 = 3 V
004 = 4 V
006 = 6.3 V
010 = 10 V
016 = 16 V
020 = 20 V
025 = 25 V
035 = 35 V
050 = 50 V
A = N/A
T = 100% Matte Tin
(Sn) Plated
H = Standard Solder
Coated (SnPb 5% Pb
minimum)
G = Gold Plated (A, B,
C, D, X only)
Blank = 7" Reel
7280 = 13" Reel


Similar Part No. - T494C336004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494C336K003AG7280 KEMET-T494C336K003AG7280 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T494C336K003AH7280 KEMET-T494C336K003AH7280 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T494C336K003AM7280 KEMET-T494C336K003AM7280 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T494C336K003AN7280 KEMET-T494C336K003AN7280 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T494C336K003AT7280 KEMET-T494C336K003AT7280 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T494C336004A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B226M016AT KEMET-T494B226M016AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157K010ATE100 KEMET-T495D157K010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157M010ATE100 KEMET-T495D157M010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A106K010AT KEMET-T494A106K010AT Datasheet
2Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T510E107K025AHE050 KEMET-T510E107K025AHE050 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A475K010ATE1K3 KEMET-T495A475K010ATE1K3 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com