Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1727-50CZT Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1727-50CZT
Description  50mA Low Dropout Linear Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1727-50CZT Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1727-50CZT Datasheet HTML 1Page - Analog Intergrations Corporation AIC1727-50CZT Datasheet HTML 2Page - Analog Intergrations Corporation AIC1727-50CZT Datasheet HTML 3Page - Analog Intergrations Corporation AIC1727-50CZT Datasheet HTML 4Page - Analog Intergrations Corporation AIC1727-50CZT Datasheet HTML 5Page - Analog Intergrations Corporation AIC1727-50CZT Datasheet HTML 6Page - Analog Intergrations Corporation AIC1727-50CZT Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AIC1727
50mA Low Dropout Linear Regulator
Analog Integrations Corporation
4F, 9, Industry E. 9th Rd, Science Based Industrial Park, Hsinchu Taiwan, ROC
www.analog.com.tw
DS-1527-00
May 29, 00
TEL: 886-3-5772500
FAX: 886-3-5772510
1
n FEATURES
l
4% Accuracy Output Voltage.
l
Low Dropout Voltage
l
Guaranteed 50mA Output Current.
l
Internal P-MOSFET Draws no Base Current.
l
Low Ground Current.
l
Output Voltage of 3.0V/ 3.3V/ 3.6V/ 4.5V/ 5.0V
Available.
l
Input Voltage Range up to 13V.
l
Needs only 1
µF for Stability.
n APPLICATIONS
l
Toys.
l
Battery Powered Systems.
l
Audio/Video System
l
Wireless Communication Systems.
n DESCRIPTION
The AIC1727 is a 3-pin low dropout linear
regulator. The superior characteristics of the
AIC1727 include zero base current loss, low
dropout voltage and accurate output voltage.
Typical ground current remains approximately 4
µA, from no load to maximum loading
conditions.
The AIC1727 comes in the popular 3-pin SOT-
23, SOT-89, TO-92 packages.
n TYPICAL APPLICATION CIRCUIT
+
+
AIC1727
VOUT
VOUT
GND
VIN
1µF
CIN
VIN
1µF
COUT
Low Dropout Linear Regulator


Similar Part No. - AIC1727-50CZT

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30 AIC-AIC1720-30 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CS AIC-AIC1720-30CS Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CX AIC-AIC1720-30CX Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
AIC1720-30CZL AIC-AIC1720-30CZL Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
More results

Similar Description - AIC1727-50CZT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2982 SEMTECH-SC2982 Datasheet
133Kb / 5P
   50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Linear Technology
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com