Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2KC25MY1 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2KC25MY1
Description  Adjustable Long-distance Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2KC25MY1 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2KC25MY1 Datasheet HTML 1Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 2Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 3Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 4Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 5Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 6Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 7Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 8Page - Omron Electronics LLC E2KC25MY1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
E2K-C
Engineering Data (Typical)
Common Mode Continuous Noise
Sensing Distance Change by Sensing Object
E2K-C20M
E2K-C25M
@@
E2K-C20M
@@
Residual Output Voltage
Leakage Current
E2K-C25MY
at 100 VAC
E2K-C25MY
at 200 VAC
E2K-C25MY
E2K-C20MT
at 100 VAC
E2K-C20MT
at 200 VAC
E2K-C20MT
10
1
0
20
40
60
100
80
160
140
120
1000
100
E2K-C20M
Frequency (kHz)
OMRON product
( E2K-C25M)
10
15
20
25
0
5
0
5
10
15
20
25
20
30
40
50
60
70
80
90
100
1
0
10
200
100
50
10
5
OFF
100
VAC
A
ON
V
Residual output
voltage
Residual
Load
Voltage
Load
Load current (mA)
1
0
50
100
150
200
200
100
50
10
5
OFF
200
VAC
A
ON
V
Load
Residual
Load
Voltage
Residual output voltage
Load current (mA)
80
0
0.5
1.0
1.5
2.0
2.5
3.0
260
240
220
200
180
160
140
120
100
A
V
Power supply voltage (V)
OFF
1
0
10
20
30
40
50
60
70
80
90
100
250
200
100
50
510
OFF
100
VAC
ON
V
A
Load current (mA)
Load
Residual
output
voltage
Residual Load Voltage
0
50
100
150
200
1
OFF
250
200
100
50
510
200
VAC
ON
V
A
Load
Residual
output
voltage
Load current (mA)
Residual Load Voltage
50
20
0
0.5
1.0
1.5
2.0
2.5
250
200
150
100
A
V
Power supply voltage (V)
AC power
OFF
DC power
http://www.ia.omron.com/
4
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E2KC25MY1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
More results

Similar Description - E2KC25MY1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com