Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2K-C20MT1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2K-C20MT1
Description  Adjustable Long-distance Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C20MT1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2K-C20MT1 Datasheet HTML 1Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 2Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 3Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 4Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 5Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 6Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 7Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 8Page - Omron Electronics LLC E2K-C20MT1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Long-distance type
E2K-C
Adjustable Long-distance Sensor
■ Detects both metallic and nonmetallic objects (water,
plastic, etc.).
■ CE Marking for DC 3-Wire and AC/DC 2-Wire Models.
■ Noise-resistant Models added to the lineup for application
in a wide range of industrial environments.
Be sure to read Safety Precautions on
page 7.
Ordering Information
Sensors
Accessories (Order Separately)
Mounting Brackets
Appearance
Sensing distance
Model
Output configuration
Operation mode
NO
NC
Standard Models
DC 3-wire, NPN
E2K-C25ME1
E2K-C25ME2
AC 2-wire
E2K-C25MY1
E2K-C25MY2
Noise-resistant Models
DC 3-wire, NPN
E2K-C20MC1
E2K-C20MC2
AC/DC 2-wire
E2K-C20MT1
E2K-C20MT2
34 dia.
Unshielded
3 to 25 mm
3 to 20 mm
Appearance
Model
Quantity
Remarks
Y92E-A34
1
Provided with the product.
http://www.ia.omron.com/
1
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E2K-C20MT1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C20MT1 OMRON-E2K-C20MT1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C20MT12M OMRON-E2K-C20MT12M Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C20MT1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com