Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2K-C25MY2 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E2K-C25MY2
Description  Adjustable Long-distance Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2K-C25MY2 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E2K-C25MY2 Datasheet HTML 4Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 5Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 6Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 7Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 8Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 9Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 10Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 11Page - Omron Electronics LLC E2K-C25MY2 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
E2K-C
Dimensions
(Unit: mm)
Sensors
Accessories (Order Separately)
E2K-C25M
@@
E2K-C20M
@@
20
34 dia.
82
7
13
+
-
Cap
Cable clamp
Screw hole for sensitivity
adjustment
Indicator*
E Models: 6-dia. vinyl-insulated round cable
with 3 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter:
1.9 mm), Standard length: 2 m
Y Models: 6-dia. vinyl-insulated round cable
with 2 conductors (Conductor cross
section: 0.5 mm
2, Insulator diameter:
1.9 mm), Standard length: 2 m
* E Models: Detection indicator (red)
Y Models: Operation indicator (red)
81
18
9
34 dia.
C Models: 5.5-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.5 mm), Standard length: 2 m
T Models: 5.5-dia. vinyl-insulated round cable with 2 conductors
(Conductor cross section: 0.5 mm
2, Insulator
diameter: 1.5 mm), Standard length: 2 m
Sensitivity adjuster
Operation indicator (yellow)
Mounting Bracket (Accessory)
Y92E-A34
Material: Polyacetal
Note: Provided with the product.
42
R2.6
5.2
43
45
54.4
6.3
15
23.5
2
35
30
14
51
57.6
45
30
6
35
E2K
With Mounting Bracket Attached
* The holes are not drilled
completely through. Drill through
the holes before using them.
Sensor mounting hole
Two, 5.5-dia. mounting holes*
Two elliptic holes for bracket mounting
Two, M4 Sensor clamping screws
http://www.ia.omron.com/
8
(c)Copyright OMRON Corporation 2007 All Rights Reserved.


Similar Part No. - E2K-C25MY2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2K-C25MY2 OMRON-E2K-C25MY2 Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
E2K-C25MY2 OMRON-E2K-C25MY2 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2K-C25MY2 OMRON-E2K-C25MY2 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MY22M OMRON-E2K-C25MY22M Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
More results

Similar Description - E2K-C25MY2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2KC25ME18 OMRON-E2KC25ME18 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
E2K-C25MF1 OMRON-E2K-C25MF1 Datasheet
562Kb / 9P
   Long-distance Capacitive Sensor with Adjustable Sensitivity
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Omron Electronics LLC
E3G-L77 OMRON-E3G-L77 Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-MR19-US OMRON-E3G-MR19-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3G-ML79-US OMRON-E3G-ML79-US Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
E3S-C OMRON-E3S-C Datasheet
541Kb / 10P
   Oil-resistive, long-distance photoelectric sensor (metal case)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com