Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7D-206 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A7D-206
Description  Ultra-small, Low-cost, Push-operated Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7D-206 Datasheet(HTML) 4 Page - Omron Electronics LLC

  A7D-206 Datasheet HTML 1Page - Omron Electronics LLC A7D-206 Datasheet HTML 2Page - Omron Electronics LLC A7D-206 Datasheet HTML 3Page - Omron Electronics LLC A7D-206 Datasheet HTML 4Page - Omron Electronics LLC A7D-206 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A7D/A7DP
4
Ordering Procedure
Place orders as shown in the example below, specifying the model and number.
1. A7D-2M (End Caps): 1 pair
2. A7D-206-S
@@ (Switch Unit with stopper): 1 piece
3. A7D-206 (Switch Unit): 1 piece
4. A7D-2P
@ (Spacer): 1 piece
5. A7D-206 (Switch Unit): 2 pieces
Note: Standard products, such as the Switch Units and End Caps, are not factory-assembled for shipment. Contact your OMRON representative for details on ordering
factory-assembled sets.
Safety Precautions
Refer to Safety Precautions for All Thumbwheel Switches.
Handling
• The molded components of the Switch use polyacetal resin and
PBT resin. It is recommended that alcohol is used to wipe off dirt
and smudges from the molded components. Take care to prevent
the alcohol from getting inside.
• Do not use thinner or other solutions which might damage the resin.
• Terminals can withstand a force of 4.9 N for 10 seconds or more
(the mating strength of the case and seal), and survive bending of
20
° without breaking after returning to original position. Do not use
excessive force or apply repetitive external force, however, when
handling terminals. In particular, take care to avoid dropping them
as the terminals might bend or break.
• The setting buttons can withstand 19.6 N for 1 minute, but do not
push the (+) and (-) buttons at the same time.
Soldering
• Using a Soldering Iron
Use a 30-W soldering iron at a temperature of 350
°C for a maximum
of 3 seconds, and flush as described above.
Do not apply force to the terminals during soldering and for 3 minutes
after soldering is completed. Doing so may result in conduction or
operation failure.
Ensure that soldering flux and alcohol do not penetrate into the Switch
interior
Setting Numbers
Pen-push Type
Press the setting switch with the tip of a ball-point pen. Do not use
pencil point or mechanical pencil point to press the setting switch,
otherwise the lead of the pencil or mechanical pencil may be broken
and A7DP malfunctions may result due to fragments of the broken
lead.
Screw-mounting Models
Tighten mounting screws to a torque between 0.2 to 0.24 N·m, using
M2.6 screws. Use plain washers or spring washers together with the
screws.
11
4
23
5
Precautions for Correct Use


Similar Part No. - A7D-206

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7D-206 OMRON-A7D-206 Datasheet
1Mb / 25P
   Thumbwheel Switch
A7D-206-1 OMRON-A7D-206-1 Datasheet
1Mb / 25P
   Thumbwheel Switch
More results

Similar Description - A7D-206

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7D OMRON-A7D Datasheet
298Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
A7D-2M-1 OMRON-A7D-2M-1 Datasheet
495Kb / 5P
   Ultra-small, Low-cost, Push-operated Switches
A7MD OMRON-A7MD Datasheet
466Kb / 4P
   Ultra-small Thumbwheel-operated Switches
logo
List of Unclassifed Man...
SM5108 ETC2-SM5108 Datasheet
784Kb / 2P
   Ultra-Small, Low-Cost,OEM Pressure Die
logo
Littelfuse
7700 LITTELFUSE-7700 Datasheet
420Kb / 1P
   FOOT OPERATED SWITCHES
2019 Rev: 021119
logo
Willow Technologies Ltd
CXL-GP WILLOW-CXL-GP Datasheet
435Kb / 2P
   Small, Low-Cost
logo
Unisonic Technologies
US2236032DB UTC-US2236032DB Datasheet
178Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW R LOAD SWITCHES
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com