Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730-32CV Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1730-32CV
Description  Low Noise Low Dropout, 150mA Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-32CV Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1730-32CV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 11Page - Analog Intergrations Corporation AIC1730-32CV Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AIC1730
11
50
100
150
0.01
0.1
1
10
100
STABLE REGION
COUT=3.3µF
I
(mA)
IOUT (mA)
50
100
150
0.01
0.1
1
10
100
STABLE REGION
COUT=10µF
n PACKAGE DIMENSIONS
l SOT-23-5 (unit: mm)
SYMBOL
MIN
MAX
A
1.00
1.30
A1
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90 (TYP)
H
2.60
3.00
L
0.37
E
e
D
H
A1
A
A2
b
L
θ1
C
θ1
1
°
9
°
l SOT-23-5 Marking
Part No.
Marking
Part No.
Marking
AIC1730-18CV
EC18
AIC1730-27CV
EC27
AIC1730-19CV
EC19
AIC1730-28CV
EC28
AIC1730-20CV
EC20
AIC1730-285CV
EC2J
AIC1730-21CV
EC21
AIC1730-29CV
EC29
AIC1730-22CV
EC22
AIC1730-30CV
EC30
AIC1730-23CV
EC23
AIC1730-31CV
EC31
AIC1730-24CV
EC24
AIC1730-32CV
EC32
AIC1730-25CV
EC25
AIC1730-33CV
EC33
AIC1730-26CV
EC26


Similar Part No. - AIC1730-32CV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-32 AIC-AIC1730-32 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - AIC1730-32CV

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com