Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34063A Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # MC34063A
Description  DC/DC CONVERTER CONTROL CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

MC34063A Datasheet(HTML) 7 Page - Analog Intergrations Corporation

  MC34063A Datasheet HTML 1Page - Analog Intergrations Corporation MC34063A Datasheet HTML 2Page - Analog Intergrations Corporation MC34063A Datasheet HTML 3Page - Analog Intergrations Corporation MC34063A Datasheet HTML 4Page - Analog Intergrations Corporation MC34063A Datasheet HTML 5Page - Analog Intergrations Corporation MC34063A Datasheet HTML 6Page - Analog Intergrations Corporation MC34063A Datasheet HTML 7Page - Analog Intergrations Corporation MC34063A Datasheet HTML 8Page - Analog Intergrations Corporation MC34063A Datasheet HTML 9Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MC34063A
DC/DC CONVERTER CONTROL CIRCUIT
SPEC NO: DS34063A-P2
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
7
! APPLICATION EXAMPLES (CONTINUED)

D1
8
7
6
5
4
3
2
1
L
200
µH
RB
47K
RA
2.2K
C1
CO
220
µF
CT
680pF
RS
0.22
2V/200mA
1N5819
100
µF
+
+
R1
150
MC34063A
DRI
IPK
FB
VCC
CS
SE
TC
GND
VOUT
VIN
Line Regulation
V
IN = 8V ~16V
@ I
O=200mA
100mV
Load Regulation
V
IN = 12V, @ IO=80mA ~ 200mA
5mV
Fig. 3 Step-Up Converter
8
7
6
5
4
3
2
1
+
RS
C1
+
R2
RA
CT
RB
R1
Q

L
CO
D1
MC34063A
DRI
IPK
FB
VCC
CS
SE
TC
GND
VOUT
VIN
Fig. 4 Step-Up Converter with External NPN Switch


Similar Part No. - MC34063A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
188Kb / 10P
   Industrial Standard, Universal DC/DC Converter
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
   DC-DC CONVERTER CONTROL CIRCUITS
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - MC34063A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
   DC-DC CONVERTER CONTROL CIRCUIT
logo
ADDtek Corp
AMC7660 ADDTEK-AMC7660 Datasheet
276Kb / 11P
   DC - DC CONVERTER CONTROL CIRCUIT
JUNE 2006
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com